Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T8300AD Datasheet(PDF) 2 Page - Taiwan Memory Technology

Part # T8300AD
Description  PWM Control 1200mA Step-Down Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T8300AD Datasheet(HTML) 2 Page - Taiwan Memory Technology

  T8300AD Datasheet HTML 1Page - Taiwan Memory Technology T8300AD Datasheet HTML 2Page - Taiwan Memory Technology T8300AD Datasheet HTML 3Page - Taiwan Memory Technology T8300AD Datasheet HTML 4Page - Taiwan Memory Technology T8300AD Datasheet HTML 5Page - Taiwan Memory Technology T8300AD Datasheet HTML 6Page - Taiwan Memory Technology T8300AD Datasheet HTML 7Page - Taiwan Memory Technology T8300AD Datasheet HTML 8Page - Taiwan Memory Technology T8300AD Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TE
CH
tm
Preliminary T8300AD
TM Technology, Inc. reserves the right
P. 2
Publication Date: Dec . 2014
to change products or specifications without notice.
Revision:A
PIN ARRANGEMENT (Top view)
PIN DESCRIPTION
Symbol
SOP-8
Description
LX
3,4
Drain of NMOS switch
GND
5.6
Ground
CDI
1
CDS
Application Input
&Enable control signal, H: Active, L: Power
Down ,CDI longer than 3 seconds, to maintain a high voltage
CDO
2
Enable Application OutInput for IR Cut Driver
ISENSE
8
Connect resistor Rs from this pin to VIN to define nominal average output
current I
OUTnom=0.1/Rs
VIN
7
Input voltage (4.5V to 30V).
Decouple to ground with 47uF or higher X7R ceramic capacitor close to
device.
T8300AD
SOP-8


Similar Part No. - T8300AD

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
T8300A MOLEX11-T8300A Datasheet
26Kb / 3P
   Terminator Die
More results

Similar Description - T8300AD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
AP1530 DIODES-AP1530 Datasheet
230Kb / 8P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1530 Rev. 1
AP1510 DIODES-AP1510_09 Datasheet
270Kb / 9P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1510 Rev. 7
logo
Unisonic Technologies
P1886 UTC-P1886 Datasheet
201Kb / 8P
   PWM CONTROL 3A STEP-DOWN CONVERTER
P1986 UTC-P1986 Datasheet
196Kb / 6P
   PWM CONTROL 3A STEP-DOWN CONVERTER
logo
FOSLINK SEMICONDUCTOR C...
FSP3130 FOSLINK-FSP3130 Datasheet
228Kb / 7P
   PWM CONTROL 2A STEP-DOWN CONVERTER
FSP3132 FOSLINK-FSP3132 Datasheet
198Kb / 6P
   PWM CONTROL 5A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP5002 DIODES-AP5002_09 Datasheet
207Kb / 10P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 8
logo
Taiwan Memory Technolog...
T8322AD TMT-T8322AD Datasheet
124Kb / 10P
   PWM Control 1500mA Step-Down Converter
logo
Unisonic Technologies
P3586 UTC-P3586_17 Datasheet
332Kb / 6P
   PWM CONTROL 3A STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com