Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

I510X Datasheet(PDF) 7 Page - Taiwan Memory Technology

Part # I510X
Description  CompactFlash Memory Card
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

I510X Datasheet(HTML) 7 Page - Taiwan Memory Technology

Back Button I510X Datasheet HTML 3Page - Taiwan Memory Technology I510X Datasheet HTML 4Page - Taiwan Memory Technology I510X Datasheet HTML 5Page - Taiwan Memory Technology I510X Datasheet HTML 6Page - Taiwan Memory Technology I510X Datasheet HTML 7Page - Taiwan Memory Technology I510X Datasheet HTML 8Page - Taiwan Memory Technology I510X Datasheet HTML 9Page - Taiwan Memory Technology I510X Datasheet HTML 10Page - Taiwan Memory Technology I510X Datasheet HTML 11Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
i510x
Release date: 12/9/2004
Page 5
© 2004 iCreate Technologies Corporation
iCreate Technologies Corporation reserves the right to change the specification in any manner without notice.
Create
FD0 ~ FD15
54, 55, 56, 57, 58,
59, 60, 61, 63, 66,
67, 68, 69, 70, 71,
72
70, 71, 72, 73, 74, 75,
76, 77, 80, 83, 84, 85,
86, 87, 88, 89
In/Out, 3mA
Flash Data Bus 0 ~ 7. Connect to flash memory
pins FD0 ~ FD7.
FALE
90
118
Out, 3mA
Flash Address Latch Enable. Connect to flash
memory pin ALE
FCLE
89
117
Out, 3mA
Flash Command Latch Enable. Connect to flash
memory pin CLE
FRE#, FWE#
88 , 91
116, 119
Out, 3mA
Flash Read/Write Enable. Connect to flash
memory pin RE/WE.
FCE0# ~
FCE7#
73, 74, 75, 76, 80,
81, 82, 83
93, 94, 96, 97, 104,
105, 106, 108
Out, 2mA
Flash Chip Enable. Connect to flash memory pin
CE.
FCE8# ~
FCE15#
-
91, 92, 99, 100, 103,
110, 111, 112,
Out, 2mA
Flash Chip Enable. Connect to flash memory pin
CE.
FWP#
92
120
Out, 3mA
Flash Write-Protect. Connect to flash memory pin
WP.
FRDY
87
115
In
Flash Ready/BSY signal. Connect to flash memory
pin Ready/Busy#.
System interface & power pins
Pin Name
Pin No. (100)
Pin No. (128)
Type
Function
SEL_CLK
86
114
In
Connected to 3.3V to select internal oscillator, or
GND for external clock.
SEL_RST
77
98
In
Connected to 3.3V to select internal power-on-
reset or GND for external reset
TEST
79
102
In
Test mode enable pin. Connected to GND.
RX
-
95
In
Test pin. Connected to 3.3V or GND.
TX
-
107
Out, 3mA
Test pin. Not connected.
CLKI
94
122
In
Clock input
RESET#
97
125
In
Reset input if reset is provided externally. If
SEL_RST is high, this pin is connected to GND
through a capacitor.
ROSC
99
127
Analog In
Connected to the same power source as VDDA
through a resistor to configure oscillator frequency
REG_EN
-
67
In
Regulator enable
IROM_SEL
-
90
In
Test pin. Connected to 3.3V or NC.


Similar Part No. - I510X

ManufacturerPart #DatasheetDescription
logo
Winbond
I5102E WINBOND-I5102E Datasheet
612Kb / 88P
   SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
I5102EI WINBOND-I5102EI Datasheet
612Kb / 88P
   SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
logo
Nuvoton Technology Corp...
I5102EY NUVOTON-I5102EY Datasheet
678Kb / 90P
   SINGLE-CHIP
I5102EYI NUVOTON-I5102EYI Datasheet
678Kb / 90P
   SINGLE-CHIP
logo
Winbond
I5102S WINBOND-I5102S Datasheet
612Kb / 88P
   SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
More results

Similar Description - I510X

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST48CF008 SST-SST48CF008 Datasheet
572Kb / 60P
   CompactFlash Card
logo
Toshiba Semiconductor
THNCF008MAA TOSHIBA-THNCF008MAA Datasheet
461Kb / 52P
   CompactFlash Card
logo
Transcend Information. ...
TS2GF300 TRANSCEND-TS2GF300 Datasheet
2Mb / 83P
   300X CompactFlash Card
logo
Silicon Storage Technol...
SST55LC100M SST-SST55LC100M Datasheet
1Mb / 75P
   CompactFlash Card Controller
logo
Transcend Information. ...
TS16GCF400 TRANSCEND-TS16GCF400 Datasheet
2Mb / 88P
   400X CompactFlash Card
TS8GCF600 TRANSCEND-TS8GCF600 Datasheet
2Mb / 87P
   600X CompactFlash Card
TS128MCFI TRANSCEND-TS128MCFI Datasheet
2Mb / 84P
   industrial CompactFlash Card
TS32MCF80 TRANSCEND-TS32MCF80 Datasheet
2Mb / 82P
   80X CompactFlash Card
logo
Toshiba Semiconductor
THNCFXXXXDG TOSHIBA-THNCFXXXXDG Datasheet
322Kb / 44P
   CompactFlash™ Card
2004-05-18
logo
Transcend Information. ...
TS1GCF133 TRANSCEND-TS1GCF133 Datasheet
3Mb / 81P
   133X CompactFlash Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com