Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5212 Datasheet(PDF) 3 Page - Taiwan Memory Technology

Part # 5212
Description  USB High Speed Flash Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

5212 Datasheet(HTML) 3 Page - Taiwan Memory Technology

  5212 Datasheet HTML 1Page - Taiwan Memory Technology 5212 Datasheet HTML 2Page - Taiwan Memory Technology 5212 Datasheet HTML 3Page - Taiwan Memory Technology 5212 Datasheet HTML 4Page - Taiwan Memory Technology 5212 Datasheet HTML 5Page - Taiwan Memory Technology 5212 Datasheet HTML 6Page - Taiwan Memory Technology 5212 Datasheet HTML 7Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Advanced, V0.4
5212 Datasheet
October 29, 2010
3
TM Technology, Inc. Confidential.
Pin Configuration and Definition
5212, 48pin configuration
5212, 48Pin definition
Pin Number
Name
IO Type
Function
USB Transceiver
7
DP
Analog
USB bus D+.
8
DM
Analog
USB bus D-.
5
REXT
Analog
Connect to ground through 330Ohm resistor
Clock
10
XI
Clock In
12MHz crystal input.
11
XO
Clock Out
12MHz crystal output.


Similar Part No. - 5212

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
5212 CONNOR-WINFIELD-5212 Datasheet
96Kb / 2P
   2.5V LVCMOS SURFACE MOUNT 7.5x5mm CRYSTAL CLOCK OSCILLATOR
logo
List of Unclassifed Man...
5212 ETC2-5212 Datasheet
457Kb / 1P
   BATTERY CONTACTS FOR MOLDED CASES
logo
Connor-Winfield Corpora...
5212-44.736M CONNOR-WINFIELD-5212-44.736M Datasheet
96Kb / 2P
   2.5V LVCMOS SURFACE MOUNT 7.5x5mm CRYSTAL CLOCK OSCILLATOR
logo
Tyco Electronics
5212045-1 MACOM-5212045-1 Datasheet
91Kb / 1P
   RECEPTACLE ASSY, RIGHT ANGLE, SHIELDED
logo
TE Connectivity Ltd
521212-2 TEC-521212-2 Datasheet
521Kb / 15P
   Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
Revised 3-11
More results

Similar Description - 5212

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
I5128-L TMT-I5128-L Datasheet
379Kb / 9P
   High-Speed USB Flash Disk Controller
I5127-L TMT-I5127-L Datasheet
98Kb / 9P
   High-Speed USB Flash Disk Controller
logo
STMicroelectronics
ST72682 STMICROELECTRONICS-ST72682 Datasheet
542Kb / 36P
   USB 2.0 high-speed Flash drive controller
ST72681 STMICROELECTRONICS-ST72681_07 Datasheet
614Kb / 32P
   USB 2.0 high-speed Flash drive controller
logo
ELAN Microelectronics C...
EKF5250 EMC-EKF5250 Datasheet
299Kb / 11P
   USB full speed NAND flash controller
logo
List of Unclassifed Man...
PL-2515 ETC1-PL-2515 Datasheet
31Kb / 1P
   Hi-Speed USB Flash Disk Controller
PL-2518 ETC1-PL-2518 Datasheet
290Kb / 2P
   Turbo Hi-Speed USB Flash Disk Controller
logo
STMicroelectronics
ST72681 STMICROELECTRONICS-ST72681 Datasheet
171Kb / 12P
   USB 2.0 HIGH-SPEED 8-BIT MCU FLASH DRIVE CONTROLLER
logo
List of Unclassifed Man...
AU9384 ETC-AU9384 Datasheet
461Kb / 24P
   USB Flash Disk Controller
logo
Taiwan Memory Technolog...
I5068-Z TMT-I5068-Z Datasheet
132Kb / 8P
   USB Flash Disk Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com