Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYM-12591AX-40 Datasheet(PDF) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYM-12591AX-40
Description  1.2 inch (39.00mm) Matrix height, Dot Matrix Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYM-12591AX-40 Datasheet(HTML) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYM-12591AX-40 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-12591AX-40 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-12591AX-40 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-12591AX-40 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-12591AX-40 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Model No.
Rev.
Min
5
-40
-40
■ Electrical-Optical Characteristics
Color Code & Chip Characteristics:(Test Condition:IF=20mA)
Typ
H
Red
90nm
2.00
S
Hi Red
20nm
1.80
D
Super Red
20nm
1.90
E
Orange
35nm
1.90
A
Amber
35nm
1.90
Y
Yellow
35nm
1.90
G
Green
10nm
1.90
3.40
2.80
2.80
PG Pure Green
36nm
2.80
W
White
CCT:9500K
2.80
UHR Ultra Hi Red
20nm
1.90
UR Ultra Red
20nm
1.90
UE Ultra Orange
20nm
1.90
UA Ultra Amber
AlGaInP
20nm
1.90
2.50
UY Ultra Yellow
AlGaInP
20nm
1.90
2.50
UG Ultra Green
AlGaInP
30nm
1.90
2.50
PG Ultra Pure Green
InGaN
36nm
2.80
3.80
BG Ultra Bluish Green InGaN
36nm
2.80
3.80
30nm
2.80
30nm
2.80
UW Ultra White
CCT:9500K
2.80
Note:
1.Luminous Intensity is based on the Foryard standards.
2.Pay attention about static for InGaN
Page: 4/5
B
Blue
InGaN
60nm
3.80
(Ta=25℃)
AlGaInP
60~100
Http://www.foryard.com
Dot-to-Dot Luminous Intensity ratio(Iv-M)
1.5:1
610nm
Ultra Blue
UB
3.80
X=0.29,Y=0.30
80~90~120
570nm
460nm
3.80
470nm
60~120
20~30
625nm
3.80
30~60
635nm
2.50
2.50
2.50
InGaN
40~100~150
50~140~190
AlGaInP
180~200
30~60~80
260~310
260~310
590nm
InGaN
520nm
505nm
80~90~120
3.80
AlGaInP
640nm
2.50
14~18
570nm
590nm
13~18
GaP
610nm
InGaN
Ultra brightness
6~12(mw)
4~6(mw)
470nm
InGaN
430nm
6~12(mw)
4.40
X=0.29,Y=0.30
3.80
0.7~1(mw)
3.80
460nm
520nm
2.50
1
2.50
2.50
GaAsP
2.50
26~38
13~18
625nm
GaAsP
AlGaAs/SH
660nm
700nm
GaP
15~20
14~20
GaAsP
2.50
AlGaAs/DH
650nm
2.50
Tstr
+85
Operating Temperature
Max
Unit
Test Condition
Peak Wave
Length(λP)
Spectral
Line
halfwidth(∆
λ1/2)
Luminous
Intensity
(Iv)
Unit:mcd
mA
Reverse Voltage
VR
IR=30
Par ameter
Max
Standard brightness
Forward
Voltage(VF) Unit:V
30
(Ta=25℃)
+85
mA
Pulse Current
Ipeak
Storage Temperature
Topr
Emitting Color
Dice
Material
150
Duty=0.1mS,1KHz
Forward Current
IF
Power Dissipation
Pd
Symbol
100
V
mW
Value
FYM-12591A/BX-XX
A
Model No.:
:FYM-12591A/BX-XX
■ Absolute maximum ratings


Similar Part No. - FYM-12591AX-40

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYM-12591AX-4 FORYARD-FYM-12591AX-4 Datasheet
390Kb / 5P
   DOTMATRIX DISPLAY
More results

Similar Description - FYM-12591AX-40

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYM-12572AX-00 FORYARD-FYM-12572AX-00 Datasheet
423Kb / 5P
   1.2 inch (31.80mm) Matrix height, Dot Matrix Display
FYM-12883AX-00 FORYARD-FYM-12883AX-00 Datasheet
456Kb / 5P
   1.2 inch (31.70mm) Matrix height, Dot Matrix Display
FYM-12571AXX-00 FORYARD-FYM-12571AXX-00 Datasheet
487Kb / 5P
   1.2 inch (39.10mm) Matrix height, Dot Matrix Display
FYM-12571GX-00 FORYARD-FYM-12571GX-00 Datasheet
473Kb / 5P
   1.2 inch (39.10mm) Matrix height, Dot Matrix Display
FYM-12571EX-00 FORYARD-FYM-12571EX-00 Datasheet
473Kb / 5P
   1.2 inch (39.10mm) Matrix height, Dot Matrix Display
FYM-12573AX-00 FORYARD-FYM-12573AX-00 Datasheet
381Kb / 5P
   1.2 inch (42.00mm) Matrix height, Dot Matrix Display
FYM-12571CX-00 FORYARD-FYM-12571CX-00 Datasheet
478Kb / 5P
   1.2 inch (39.10mm) Matrix height, Dot Matrix Display
FYM-12883AXX-00 FORYARD-FYM-12883AXX-00 Datasheet
516Kb / 5P
   1.2 inch (31.70mm) Matrix height, Dot Matrix Display
logo
China Semiconductor Cor...
CSM-88160VM9 CHINASEMI-CSM-88160VM9 Datasheet
275Kb / 7P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88111M9 CHINASEMI-CSM-88111M9 Datasheet
222Kb / 6P
   1.2 Inch 8X8 Dot-Matrix Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com