Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD30EB5 Datasheet(PDF) 3 Page - NEC

Part # RD30EB5
Description  500 mW DHD ZENER DIODE DO-35
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD30EB5 Datasheet(HTML) 3 Page - NEC

  RD30EB5 Datasheet HTML 1Page - NEC RD30EB5 Datasheet HTML 2Page - NEC RD30EB5 Datasheet HTML 3Page - NEC RD30EB5 Datasheet HTML 4Page - NEC RD30EB5 Datasheet HTML 5Page - NEC RD30EB5 Datasheet HTML 6Page - NEC RD30EB5 Datasheet HTML 7Page - NEC RD30EB5 Datasheet HTML 8Page - NEC RD30EB5 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
RD2.0E to RD200E
3
Zener Voltage
Dynamic
Knee Dynamic
Reverse Current
Type
Suffix
VZ (V)Note 1
Impedance
Impedance
IR (
µA)
Number
ZZ (
Ω)Note 2
ZZK (
Ω)Note 2
MIN.
MAX.
IZ (mA)
MAX.
IZ (mA)
MAX.
IZ (mA)
MAX.
VR(V)
B
6.88
7.64
RD7.5E
B1
6.88
7.19
20
8
20
120
0.5
0.5
4.0
B2
7.11
7.41
B3
7.33
7.64
B
7.56
8.41
RD8.2E
B1
7.56
7.90
20
8
20
120
0.5
0.5
5.0
B2
7.82
8.15
B3
8.07
8.41
B
8.33
9.29
RD9.1E
B1
8.33
8.70
20
8
20
120
0.5
0.5
6.0
B2
8.61
8.99
B3
8.89
9.29
B
9.19
10.30
RD10E
B1
9.19
9.59
20
8
20
120
0.5
0.2
7.0
B2
9.48
9.90
B3
9.82
10.30
B
10.18
11.26
RD11E
B1
10.18
10.63
10
10
10
120
0.5
0.2
8.0
B2
10.50
10.95
B3
10.82
11.16
B
11.13
12.30
RD12E
B1
11.13
11.63
10
12
10
110
0.5
0.2
9.0
B2
11.50
11.92
B3
11.80
12.30
B
12.18
13.62
RD13E
B1
12.18
12.71
10
14
10
110
0.5
0.2
10
B2
12.59
13.16
B3
13.03
13.62
B
13.48
15.02
RD15E
B1
13.48
14.09
10
16
10
110
0.5
0.2
11
B2
13.95
14.56
B3
14.42
15.02
B
14.87
16.50
RD16E
B1
14.87
15.50
10
18
10
150
0.5
0.2
12
B2
15.33
15.96
B3
15.79
16.50
B
16.34
18.30
RD18E
B1
16.34
17.06
10
23
10
150
0.5
0.2
13
B2
16.90
17.67
B3
17.51
18.30
B
18.11
20.72
B1
18.11
18.92
RD20E
B2
18.73
19.57
10
28
10
200
0.5
0.2
15
B3
19.38
20.22
B4
19.88
20.72
B
20.23
22.61
B1
20.23
21.08
RD22E
B2
20.76
21.65
5
30
5
200
0.5
0.2
17
B3
21.22
22.09
B4
21.68
22.61


Similar Part No. - RD30EB5

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
RD30EB SEMTECH_ELEC-RD30EB Datasheet
477Kb / 8P
   ZENER DIODES
RD30EB1 SEMTECH_ELEC-RD30EB1 Datasheet
477Kb / 8P
   ZENER DIODES
RD30EB2 SEMTECH_ELEC-RD30EB2 Datasheet
477Kb / 8P
   ZENER DIODES
RD30EB3 SEMTECH_ELEC-RD30EB3 Datasheet
477Kb / 8P
   ZENER DIODES
RD30EB4 SEMTECH_ELEC-RD30EB4 Datasheet
477Kb / 8P
   ZENER DIODES
More results

Similar Description - RD30EB5

ManufacturerPart #DatasheetDescription
logo
NEC
RD39ES NEC-RD39ES Datasheet
81Kb / 8P
   400 mW DHD ZENER DIODE DO-34
logo
SeCoS Halbleitertechnol...
1N52XXB SECOS-1N52XXB Datasheet
122Kb / 2P
   500 mW , DO-35 Zener Diodes
logo
Microsemi Corporation
1N5518B MICROSEMI-1N5518B Datasheet
324Kb / 3P
   Low Voltage Avalanche 500 mW Zener Diodes DO-35
logo
Motorola, Inc
MZ4625 MOTOROLA-MZ4625 Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
1N4370A MOTOROLA-1N4370A Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
BZX55C2V4RL MOTOROLA-BZX55C2V4RL Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
logo
Tak Cheong Electronics ...
TCZX2V0 TAK_CHEONG-TCZX2V0 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5985B TAK_CHEONG-TC1N5985B Datasheet
93Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC2V0 TAK_CHEONG-TC2V0 Datasheet
171Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX79C2V0 TAK_CHEONG-TCBZX79C2V0 Datasheet
180Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com