Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP50P04SLG Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # NP50P04SLG
Description  MOS FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP50P04SLG Datasheet(HTML) 5 Page - Renesas Technology Corp

  NP50P04SLG_15 Datasheet HTML 1Page - Renesas Technology Corp NP50P04SLG_15 Datasheet HTML 2Page - Renesas Technology Corp NP50P04SLG_15 Datasheet HTML 3Page - Renesas Technology Corp NP50P04SLG_15 Datasheet HTML 4Page - Renesas Technology Corp NP50P04SLG_15 Datasheet HTML 5Page - Renesas Technology Corp NP50P04SLG_15 Datasheet HTML 6Page - Renesas Technology Corp NP50P04SLG_15 Datasheet HTML 7Page - Renesas Technology Corp NP50P04SLG_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NP50P04SLG
Chapter Title
R07DS0241EJ0100 Rev.1.00
Page 5 of 6
Feb 09, 2011
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
-75
-25
25
75
125
175
ID =
−25 A
Pulsed
−10 V
VGS =
−4.5 V
Tch - Channel Temperature -
°C
0.10
1.00
10.00
-0.01
-0.1
-1
-10
-100
VGS = 0 V
f = 1 MHz
Ciss
Coss
Crss
VDS - Drain to Source Voltage - V
SWITCHING CHARACTERISTICS
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
1
10
100
1000
-0.01
-0.1
-1
-10
-100
VDD =
−20 V
VGS =
−10 V
RG = 0 Ω
td(off)
tf
td(on)
tr
ID - Drain Current - A
0
-5
-10
-15
-20
-25
-30
-35
0
10203040 5060708090 100
0
-5
-10
-15
−20 V
−8 V
VDS
VDD =
−32 V
ID =
−50 A
QG - Gate Charge - nC
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
REVERSE RECOVERY TIME vs.
DIODE FORWARD CURRENT
-0.0001
-0.001
-0.01
-0.1
-1
-10
-100
-1000
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Pulsed
0 V
VGS =
−10 V
−4.5 V
−5.0 V
VF(S-D) - Source to Drain Voltage - V
1
10
100
1000
-0.1
-1
-10
-100
VGS = 0 V
di/dt =
−100 A/μs
IF - Diode Forward Current - A


Similar Part No. - NP50P04SLG_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP50P04SLG-E1-AY RENESAS-NP50P04SLG-E1-AY Datasheet
241Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP50P04SLG-E2-AY RENESAS-NP50P04SLG-E2-AY Datasheet
241Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results

Similar Description - NP50P04SLG_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com