Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYT-8031BX-13 Datasheet(PDF) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYT-8031BX-13
Description  0.80 Inch (20.32mm) digits height Three Digits Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYT-8031BX-13 Datasheet(HTML) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYT-8031BX-13 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYT-8031BX-13 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYT-8031BX-13 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYT-8031BX-13 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYT-8031BX-13 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Model No.
Rev.
■ All Light On Segments Feature & Pin Position
■ Internal Circuit Diagrams
Page
3/5
Http://www.foryard.com
Model No.
:FYT-8031A/BX-XX
FYT-8031A/BX-XX
A


Similar Part No. - FYT-8031BX-13

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYT-8032AX-00 FORYARD-FYT-8032AX-00 Datasheet
466Kb / 5P
   0.80 Inch (20.32mm) digits height Three Digits Display
FYT-8032AX-01 FORYARD-FYT-8032AX-01 Datasheet
466Kb / 5P
   0.80 Inch (20.32mm) digits height Three Digits Display
FYT-8032AX-02 FORYARD-FYT-8032AX-02 Datasheet
466Kb / 5P
   0.80 Inch (20.32mm) digits height Three Digits Display
FYT-8032AX-03 FORYARD-FYT-8032AX-03 Datasheet
466Kb / 5P
   0.80 Inch (20.32mm) digits height Three Digits Display
FYT-8032AX-04 FORYARD-FYT-8032AX-04 Datasheet
466Kb / 5P
   0.80 Inch (20.32mm) digits height Three Digits Display
More results

Similar Description - FYT-8031BX-13

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYT-8032AX-00 FORYARD-FYT-8032AX-00 Datasheet
466Kb / 5P
   0.80 Inch (20.32mm) digits height Three Digits Display
logo
List of Unclassifed Man...
C-563X ETC-C-563X Datasheet
124Kb / 1P
   THREE DIGITS DISPLAY
A-303H ETC-A-303H Datasheet
119Kb / 1P
   THREE DIGITS DISPLAY
C-403H ETC-C-403H Datasheet
121Kb / 1P
   THREE DIGITS DISPLAY
C-513H ETC1-C-513H Datasheet
129Kb / 1P
   THREE DIGITS DISPLAY
logo
Ningbo Foryard Optoelec...
FYT-3931AX-00 FORYARD-FYT-3931AX-00 Datasheet
475Kb / 5P
   0.39 Inch (10.00mm) digit height Three Digits Display
FYT-4031IX-00 FORYARD-FYT-4031IX-00 Datasheet
472Kb / 5P
   0.40 Inch (10.20mm) digit height Three Digits Display
FYT-5231CX-00 FORYARD-FYT-5231CX-00 Datasheet
516Kb / 5P
   0.52 Inch (13.20mm) digit height Three Digits Display
FYT-5631GX-00 FORYARD-FYT-5631GX-00 Datasheet
465Kb / 5P
   0.56 Inch (14.20mm) digit height Three Digits Display
FYT-5633AX-00 FORYARD-FYT-5633AX-00 Datasheet
468Kb / 5P
   0.56 Inch (14.20mm) digit height Three Digits Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com