Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYT-3031AX-12 Datasheet(PDF) 5 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYT-3031AX-12
Description  0.30 Inch (8.00mm) digit height Three Digits Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYT-3031AX-12 Datasheet(HTML) 5 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYT-3031AX-12 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYT-3031AX-12 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYT-3031AX-12 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYT-3031AX-12 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYT-3031AX-12 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Model No.
Rev.
■ Packing Diagram
Note: The specifications are subject to change without notice. Please contact us for updated information.
Page
5/5
Http://www.foryard.com
FYT-3031A/BX-XX
A
Model No.
:FYT-3031A/BX-XX
FORYARD
O P T O E L E C T R O N I C S
www.foryard.com
FORYARD
O P T O E L E C T R O N I C S
LED
LED
LED
LED
PN:FYT-3031XX-XX
Qty: 7040 PCS
Date:xxxx/xx/xx
GW: 16.33KG
NW: 18.89KG
xxxxxxxxxx
RoHS
RoHS
RoHS
RoHS
ATTENTION
ATTENTION
ATTENTION
ATTENTION
Part NO: FY T-3031XX-XX
Date:xxxx/xx/xx
Q'TY: 440 PCS
110PCS/Foam
4Foams/Bag
4Bags/Box
4Boxes/Carton
OUTSIDE LABEL
QC: QC
PASS
FORYARD
O P T O E L E C T R O N I C S
QC:
QC
PASS
xxxxxxxxxx
56.0
36
.0
31
.0
54.0
17
.0
14
.5
RoHS
RoHS
RoHS
RoHS
OUTSIDE LABEL


Similar Part No. - FYT-3031AX-12

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYT-3031AX-1 FORYARD-FYT-3031AX-1 Datasheet
338Kb / 4P
   LED DIGIT DISPLAY
More results

Similar Description - FYT-3031AX-12

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYT-3132AX-00 FORYARD-FYT-3132AX-00 Datasheet
470Kb / 5P
   0.31 Inch (8.00mm) digit height Three Digits Display
FYT-3131AX-00 FORYARD-FYT-3131AX-00 Datasheet
505Kb / 5P
   0.31 Inch (8.00mm) digit height Three Digits Display
FYD-3021AX-00 FORYARD-FYD-3021AX-00 Datasheet
341Kb / 5P
   0.30 Inch (7.62mm) digit height Double Digits Display
FYD-3021CX-00 FORYARD-FYD-3021CX-00 Datasheet
341Kb / 5P
   0.30 Inch (7.62mm) digit height Double Digits Display
FYD-3021EX-00 FORYARD-FYD-3021EX-00 Datasheet
335Kb / 5P
   0.30 Inch (7.62mm) digit height Double Digits Display
FYD-3021GX-00 FORYARD-FYD-3021GX-00 Datasheet
336Kb / 5P
   0.30 Inch (7.62mm) digit height Double Digits Display
FYD-3022AX-00 FORYARD-FYD-3022AX-00 Datasheet
342Kb / 5P
   0.30 Inch (7.62mm) digit height Double Digits Display
logo
BetLux Electronics
BL-T30A-31 BETLUX-BL-T30A-31 Datasheet
591Kb / 5P
   8.00mm (0.30) Three digit Seven Segment LED display series
logo
Ningbo Foryard Optoelec...
FYQ-3141AX-00 FORYARD-FYQ-3141AX-00 Datasheet
417Kb / 5P
   0.31Inch (8.00mm) digit height Four Digits Display
FYT-3931AX-00 FORYARD-FYT-3931AX-00 Datasheet
475Kb / 5P
   0.39 Inch (10.00mm) digit height Three Digits Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com