Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYT-3631AX-11 Datasheet(PDF) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYT-3631AX-11
Description  0.36 Inch (9.20mm) digit height Three Digits Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYT-3631AX-11 Datasheet(HTML) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYT-3631AX-11 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYT-3631AX-11 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYT-3631AX-11 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYT-3631AX-11 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYT-3631AX-11 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Model No.
Rev.
NINGBO FORYARD OPTOELECTRONICS CO.,LTD
Add:NO.115 Qixin Road Ningbo Zhejiang China
Zip:315051
Tel: 0086-574-87933652 87927870 87922206
Fax: 0086-574-87927917
E-mail:Sales@foryard.com
( General)
Http://www.foryard.com
Page
1/5
■RoHS compliant.
■Low current operation
■Low power consumption.
Http://www.foryard.com
PREPARED BY
CHECKED BY
APPROVED BY
CUSTOMER APPROVED
SIGNATURES
PRODUCT SPECIFICATION
Model No.
:FYT-3631A/BX-XX
FYT-3631A/BX-XX
A
Descriptions & Features:
■0.36 Inch (9.20mm) digit height Three Digits Display
■Case mold type.
■Easy mounting on P.C. board or socket.


Similar Part No. - FYT-3631AX-11

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYT-3031ABX-XX FORYARD-FYT-3031ABX-XX Datasheet
338Kb / 4P
   LED DIGIT DISPLAY
FYT-3031AX FORYARD-FYT-3031AX Datasheet
338Kb / 4P
   LED DIGIT DISPLAY
FYT-3031AX-0 FORYARD-FYT-3031AX-0 Datasheet
338Kb / 4P
   LED DIGIT DISPLAY
FYT-3031AX-00 FORYARD-FYT-3031AX-00 Datasheet
452Kb / 5P
   0.30 Inch (8.00mm) digit height Three Digits Display
FYT-3031AX-01 FORYARD-FYT-3031AX-01 Datasheet
452Kb / 5P
   0.30 Inch (8.00mm) digit height Three Digits Display
More results

Similar Description - FYT-3631AX-11

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BT-N324RD BRIGHT-BT-N324RD Datasheet
145Kb / 3P
   0.36(9.20MM)THREE DIGIT LED DISPLAY
BT-N326RD BRIGHT-BT-N326RD Datasheet
153Kb / 3P
   0.36(9.20MM)THREE DIGIT LED DISPLAY
logo
BetLux Electronics
BL-T36G-31 BETLUX-BL-T36G-31 Datasheet
343Kb / 5P
   9.20mm (0.36) Three digit numeric display series
BL-T36C-31 BETLUX-BL-T36C-31 Datasheet
340Kb / 5P
   9.20mm (0.36) Three digit numeric display series
BL-T36Q-31 BETLUX-BL-T36Q-31 Datasheet
329Kb / 5P
   9.20mm (0.36) Three digit numeric display series
BL-T36E-31 BETLUX-BL-T36E-31 Datasheet
347Kb / 5P
   9.20mm (0.36) Three digit numeric display series
logo
BRIGHT LED ELECTRONICS ...
BT-M325RD BRIGHT-BT-M325RD Datasheet
276Kb / 3P
   9.20mm(0.36) high three digit seven segments display
BT-N325RD BRIGHT-BT-N325RD Datasheet
199Kb / 3P
   9.20mm(0.36) high three digit seven segments display
BT-M322RD BRIGHT-BT-M322RD Datasheet
252Kb / 3P
   9.20mm(0.36) high three digit seven segments display
BT-M324RD BRIGHT-BT-M324RD Datasheet
220Kb / 3P
   9.20mm(0.36) high three digit seven segments display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com