Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYM-34581AX-32 Datasheet(PDF) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYM-34581AX-32
Description  3.4 inch (90.70mm) Matrix height, Dot Matrix Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYM-34581AX-32 Datasheet(HTML) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYM-34581AX-32 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-34581AX-32 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-34581AX-32 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-34581AX-32 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-34581AX-32 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Model No.
Rev.
NINGBO FORYARD OPTOELECTRONICS CO.,LTD
Add:NO.115 Qixin Road Ningbo Zhejiang China
Zip:315051
Tel: 0086-574-87933652 87927870 87922206
Fax: 0086-574-87927917
E-mail:Sales@foryard.com
( General)
Http://www.foryard.com
Page: 1/5
PRODUCT SPECIFICATION
Model No.:
:FYM-34581A/BX-XX
APPROVED BY
■RoHS compliant.
■5*8Array with X-Y Select.
Descriptions & Features:
■3.4 inch (90.70mm) Matrix height, Dot Matrix Display
FYM-34581A/BX-XX
A
■Case mold type.
CHECKED BY
PREPARED BY
■Low current operation
■Low power consumption.
■Easy mounting on P.C. board or socket.
CUSTOMER APPROVED
SIGNATURES
Http://www.foryard.com


Similar Part No. - FYM-34581AX-32

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYM-34581AX-3 FORYARD-FYM-34581AX-3 Datasheet
441Kb / 5P
   DOTMATRIX DISPLAY
More results

Similar Description - FYM-34581AX-32

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYM-34581AXX-00 FORYARD-FYM-34581AXX-00 Datasheet
511Kb / 5P
   3.4 inch (90.70mm) Matrix height, Dot Matrix Display
FYM-30571AXX-00 FORYARD-FYM-30571AXX-00 Datasheet
494Kb / 5P
   3.0 inch (79.80mm) Matrix height, Dot Matrix Display
FYM-46581AX-00 FORYARD-FYM-46581AX-00 Datasheet
456Kb / 5P
   4.6 inch (121.50mm) Matrix height, Dot Matrix Display
FYM-7571AX-00 FORYARD-FYM-7571AX-00 Datasheet
431Kb / 5P
   0.70 inch (17.80mm) Matrix height, Dot Matrix Display
FYM-20571AX-00 FORYARD-FYM-20571AX-00 Datasheet
454Kb / 5P
   2.0 inch (53.10mm) Matrix height, Dot Matrix Display
FYM-40571AX-00 FORYARD-FYM-40571AX-00 Datasheet
449Kb / 5P
   4.0 inch (106.50mm) Matrix height, Dot Matrix Display
FYM-12572AX-00 FORYARD-FYM-12572AX-00 Datasheet
423Kb / 5P
   1.2 inch (31.80mm) Matrix height, Dot Matrix Display
FYM-12591AX-00 FORYARD-FYM-12591AX-00 Datasheet
442Kb / 5P
   1.2 inch (39.00mm) Matrix height, Dot Matrix Display
FYM-12883AX-00 FORYARD-FYM-12883AX-00 Datasheet
456Kb / 5P
   1.2 inch (31.70mm) Matrix height, Dot Matrix Display
FYM-14581AXX-00 FORYARD-FYM-14581AXX-00 Datasheet
451Kb / 5P
   1.4 inch (37.40mm) Matrix height, Dot Matrix Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com