Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB04-700 Datasheet(PDF) 4 Page - Kersemi Electronic Co., Ltd.

Part # BTB04-700
Description  SENSITIVE GATE TRIACS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

BTB04-700 Datasheet(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  BTB04-700 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. BTB04-700 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. BTB04-700 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. BTB04-700 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. BTB04-700 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Fig. 3: Correlation between maximum RMS power
dissipation and maximum allowable temperature
(Tamb and Tcase) for different thermal resistances
heatsink + contact (BTB).
Fig. 4: RMS on-state current versus case temper-
ature.
1E-3
1E-2
1E-1
1E+0
1E+1
1E +2 5E+2
0.01
0.1
1
Zth/Rth
Zth(j-c)
Zth(j-a)
tp(s)
Fig. 5: Relative variation of thermal impedance
versus pulse duration.
Fig. 6: Relative variation of gate trigger current
and holding current versus junction temperature.
Fig. 1: Maximum RMS power dissipation versus
RMS on-state current (F = 50Hz).(Curves are cut
off by (dI/dt)c limitation)
Fig. 2: Correlation between maximum RMS power
dissipation and maximum allowable temperature
(Tamb and Tcase) for different thermal resistances
heatsink + contact (BTA).
BTA04 T/D/S/A
BTB04 T/D/S/A
2014-6-9
4
www.kersemi.com


Similar Part No. - BTB04-700

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB04-700 STMICROELECTRONICS-BTB04-700 Datasheet
438Kb / 6P
   SENSITIVE GATE TRIACS
BTB04-700A STMICROELECTRONICS-BTB04-700A Datasheet
438Kb / 6P
   SENSITIVE GATE TRIACS
logo
Shenzhen Luguang Electr...
BTB04-700A LUGUANG-BTB04-700A Datasheet
717Kb / 5P
   SENSITIVE GATE TRIACS
logo
STMicroelectronics
BTB04-700D STMICROELECTRONICS-BTB04-700D Datasheet
438Kb / 6P
   SENSITIVE GATE TRIACS
logo
Shenzhen Luguang Electr...
BTB04-700D LUGUANG-BTB04-700D Datasheet
717Kb / 5P
   SENSITIVE GATE TRIACS
More results

Similar Description - BTB04-700

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
   Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
   Triacs sensitive gate
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
   Triacs sensitive gate
logo
Unisonic Technologies
BTB04 UTC-BTB04 Datasheet
166Kb / 4P
   SENSITIVE GATE TRIACS
BTB04A UTC-BTB04A Datasheet
143Kb / 3P
   SENSITIVE GATE TRIACS
logo
Kersemi Electronic Co.,...
BTB08-700BW KERSEMI-BTB08-700BW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
   Triacs sensitive gate
October 1997 Rev 1.200
logo
STMicroelectronics
BTA08A STMICROELECTRONICS-BTA08A Datasheet
186Kb / 4P
   SENSITIVE GATE TRIACS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com