Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB06-600B Datasheet(PDF) 4 Page - Kersemi Electronic Co., Ltd.

Part # BTB06-600B
Description  6A TRIACS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

BTB06-600B Datasheet(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  BTB06-600B Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. BTB06-600B Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. BTB06-600B Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. BTB06-600B Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. BTB06-600B Datasheet HTML 5Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Fig. 1: Maximum power dissipation versus RMS
on-state current (full cycle).
Fig. 2: RMS on-state current versus case
temperature (full cycle).
Fig. 3: Relative variation of thermal impedance
versus pulse duration.
Fig.
4:
On-state
characteristics
(maximum
values).
Fig. 5:
Surge peak on-state current versus
number of cycles.
Fig. 6:
Non-repetitive surge
peak on-state
current
for
a
sinusoidal
pulse
with
width
tp < 10ms, and corresponding value of I²t.
0123456
0
1
2
3
4
5
6
7
8
P (W)
IT(RMS)(A)
0
25
50
75
100
125
0
1
2
3
4
5
6
7
IT(RMS) (A)
BTA
BTB
Tc(°C)
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2 5E+2
1E-2
1E-1
1E+0
K=[Zth/Rth]
Zth(j-c)
Zth(j-a)
tp(s)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1
10
100
ITM (A)
Tj=Tj max
Tj max.
Vto = 0.85 V
Rd = 60 m
VTM(V)
1
10
100
1000
0
10
20
30
40
50
60
70
ITSM (A)
Non repetitive
Tj initial=25°C
Repetitive
Tc=105°C
One cycle
t=20ms
Number of cycles
0.01
0.10
1.00
10.00
10
100
1000
tp (ms)
ITSM (A), I²t (A²s)
Tj initial=25°C
ITSM
I²t
dI/dt limitation:
50A/µs
BTA/BTB06 Series
2014-6-9
4
www.kersemi.com


Similar Part No. - BTB06-600B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB06-600B STMICROELECTRONICS-BTB06-600B Datasheet
65Kb / 6P
   SNUBBERLESS?? LOGIC LEVEL & STANDARD
BTB06-600B STMICROELECTRONICS-BTB06-600B Datasheet
64Kb / 5P
   STANDARD TRIACS
logo
JIEJIE MICROELECTRONICS...
BTB06-600B JIEJIE-BTB06-600B Datasheet
578Kb / 5P
   6A TRIACs
logo
Tiger Electronic Co.,Lt...
BTB06-600B TGS-BTB06-600B Datasheet
93Kb / 1P
   6A TRIACS
logo
HAOPIN MICROELECTRONICS...
BTB06-600B HAOPIN-BTB06-600B Datasheet
393Kb / 5P
   Blocking voltage to 600 V
More results

Similar Description - BTB06-600B

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
BTB06-700B KERSEMI-BTB06-700B Datasheet
1Mb / 5P
   6A TRIACS
BTB06-600SW KERSEMI-BTB06-600SW Datasheet
1Mb / 5P
   6A TRIACS
logo
Unisonic Technologies
BTB06 UTC-BTB06_15 Datasheet
164Kb / 3P
   6A TRIACS
logo
Tiger Electronic Co.,Lt...
T610-600B-TR TGS-T610-600B-TR Datasheet
138Kb / 1P
   6A TRIACS
BTA06-800C TGS-BTA06-800C Datasheet
66Kb / 1P
   6A TRIACS
BTA06-600BF TGS-BTA06-600BF Datasheet
62Kb / 1P
   6A TRIACS
T610-600G-TR TGS-T610-600G-TR Datasheet
169Kb / 1P
   6A TRIACS
logo
Unisonic Technologies
BTB06A UTC-BTB06A Datasheet
162Kb / 4P
   6A TRIACS
BTA06 UTC-BTA06 Datasheet
164Kb / 3P
   6A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA06-800B TGS-BTA06-800B Datasheet
217Kb / 1P
   6A TRIACS
logo
Unisonic Technologies
BTB06 UTC-BTB06 Datasheet
164Kb / 3P
   6A TRIACS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com