Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB06-600BW Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # BTB06-600BW
Description  6A TRIACS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

BTB06-600BW Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  BTB06-600BW Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. BTB06-600BW Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. BTB06-600BW Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. BTB06-600BW Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. BTB06-600BW Datasheet HTML 5Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
(Tj = 25°C, unless otherwise specified)
s
SNUBBERLESS™ and LOGIC LEVEL (3 Quadrants)
s
STANDARD (4 Quadrants)
STATIC CHARACTERISTICS
Note 1: minimum IGT is guaranted at 5% of IGT max.
Note 2: for both polarities of A2 referenced to A1
Symbol
Test Conditions
Quadrant
BTA/BTB06
Unit
TW
SW
CW
BW
IGT (1)
VD = 12 V
RL = 30 Ω
I - II - III
MAX.
5
10
35
50
mA
VGT
I - II - III
MAX.
1.3
V
VGD
VD = VDRM RL = 3.3 kΩ
Tj = 125°C
I - II - III
MIN.
0.2
V
IH (2)
IT = 100 mA
MAX.
101535
50mA
IL
IG = 1.2 IGT
I - III
MAX.
10
25
50
70
mA
II
15
30
60
80
dV/dt (2)
VD = 67 %VDRM gate open
Tj = 125°C
MIN.
20
40
400
1000
V/µs
(dI/dt)c (2)
(dV/dt)c = 0.1 V/µs
Tj = 125°C
MIN.
2.7
3.5
-
-
A/ms
(dV/dt)c = 10 V/µs
Tj = 125°C
1.2
2.4
-
-
Without snubber
Tj = 125°C
-
-
3.5
5.3
Symbol
Test Conditions
Quadrant
BTA/BTB06
Unit
CB
IG (1)
VD = 12 V
RL = 30 Ω
I - II - III
IV
MAX.
25
50
50
100
mA
VGT
ALL
MAX.
1.3
V
VGD
VD = VDRM RL = 3.3 kΩ Tj = 125°C
ALL
MIN.
0.2
V
IH (2)
IT = 500 mA
MAX.
25
50
mA
IL
IG = 1.2 IGT
I - III - IV
MAX.
40
50
mA
II
80
100
dV/dt (2)
VD = 67 %VDRM gate open Tj = 125°C
MIN.
200
400
V/µs
(dV/dt)c (2) (dI/dt)c = 2.7 A/ms
Tj = 125°C
MIN.
5
10
V/µs
Symbol
Test Conditions
Value
Unit
VT (2)
ITM = 5.5 A
tp = 380 µs
Tj = 25°C
MAX.
1.55
V
Vto (2)
Threshold voltage
Tj = 125°C
MAX.
0.85
V
Rd (2)
Dynamic resistance
Tj = 125°C
MAX.
60
m
IDRM
IRRM
VDRM = VRRM
Tj = 25°C
MAX.
5µA
Tj = 125°C
1
mA
ELECTRICAL CHARACTERISTICS
BTA/BTB06 Series
2014-6-9
2
www.kersemi.com


Similar Part No. - BTB06-600BW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB06-600BW STMICROELECTRONICS-BTB06-600BW Datasheet
65Kb / 6P
   SNUBBERLESS?? LOGIC LEVEL & STANDARD
logo
HAOPIN MICROELECTRONICS...
BTB06-600BW HAOPIN-BTB06-600BW Datasheet
423Kb / 5P
   Blocking voltage to 600 V
logo
STMicroelectronics
BTB06-600BWRG STMICROELECTRONICS-BTB06-600BWRG Datasheet
65Kb / 6P
   SNUBBERLESS?? LOGIC LEVEL & STANDARD
BTB06-600BWRG STMICROELECTRONICS-BTB06-600BWRG Datasheet
76Kb / 7P
   6A TRIACS
More results

Similar Description - BTB06-600BW

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
BTB06-700B KERSEMI-BTB06-700B Datasheet
1Mb / 5P
   6A TRIACS
BTB06-600SW KERSEMI-BTB06-600SW Datasheet
1Mb / 5P
   6A TRIACS
logo
Unisonic Technologies
BTB06 UTC-BTB06_15 Datasheet
164Kb / 3P
   6A TRIACS
logo
Tiger Electronic Co.,Lt...
T610-600B-TR TGS-T610-600B-TR Datasheet
138Kb / 1P
   6A TRIACS
BTA06-800C TGS-BTA06-800C Datasheet
66Kb / 1P
   6A TRIACS
BTA06-600BF TGS-BTA06-600BF Datasheet
62Kb / 1P
   6A TRIACS
T610-600G-TR TGS-T610-600G-TR Datasheet
169Kb / 1P
   6A TRIACS
logo
Unisonic Technologies
BTB06A UTC-BTB06A Datasheet
162Kb / 4P
   6A TRIACS
BTA06 UTC-BTA06 Datasheet
164Kb / 3P
   6A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA06-800B TGS-BTA06-800B Datasheet
217Kb / 1P
   6A TRIACS
logo
Unisonic Technologies
BTB06 UTC-BTB06 Datasheet
164Kb / 3P
   6A TRIACS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com