Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB12-600CW Datasheet(PDF) 3 Page - Kersemi Electronic Co., Ltd.

Part # BTB12-600CW
Description  12A TRIACS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

BTB12-600CW Datasheet(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  BTB12-600CW Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. BTB12-600CW Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. BTB12-600CW Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. BTB12-600CW Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. BTB12-600CW Datasheet HTML 5Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BTA/BTB12 and T12 Series
S = Copper surface under tab
PRODUCT SELECTOR
BTB: non insulated TO-220AB package
ORDERING INFORMATION
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (AC)
D²PAK/TO-220AB
1.4
°C/W
TO-220AB Insulated
2.3
Rth(j-a)
Junction to ambient
S = 1 cm²
D²PAK
45
°C/W
TO-220AB
TO-220AB Insulated
60
Part Number
Voltage (xxx)
Sensitivity
Type
Package
600 V
800 V
BTA/BTB12-xxxB
X
X
50 mA
Standard
TO-220AB
BTA/BTB12-xxxBW
X
X
50 mA
Snubberless
TO-220AB
BTA/BTB12-xxxC
X
X
25 mA
Standard
TO-220AB
BTA/BTB12-xxxCW
X
X
35 mA
Snubberless
TO-220AB
BTA/BTB12-xxxSW
X
X
10 mA
Logic level
TO-220AB
BTA/BTB12-xxxTW
X
X
5 mA
Logic Level
TO-220AB
T1235-xxxG
X
X
35 mA
Snubberless
D²PAK
BT A 12 -
600
BW
(RG)
TRIAC
SERIES
INSULATION:
A: insulated
B: non insulated
CURRENT: 12A
SENSITIVITY & TYPE
B: 50mA STANDARD
BW: 50mA SNUBBERLESS
C: 25mA STANDARD
CW: 35mA SNUBBERLESS
SW: 10mA LOGIC LEVEL
TW: 5mA LOGIC LEVEL
VOLTAGE:
600: 600V
800: 800V
PACKING MODE
Blank: Bulk
RG: Tube
T 12 35
-
600 G
(-TR)
TRIAC
SERIES
SENSITIVITY:
35: 35mA
VOLTAGE:
600: 600V
800: 800V
CURRENT: 12A
PACKAGE:
G: D PAK
2
PACKING MODE:
Blank: Tube
-TR: Tape & Reel
THERMAL RESISTANCES
2014-6-9
3
www.kersemi.com


Similar Part No. - BTB12-600CW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB12-600CW STMICROELECTRONICS-BTB12-600CW Datasheet
116Kb / 7P
   12A TRIACS
logo
Inchange Semiconductor ...
BTB12-600CW ISC-BTB12-600CW Datasheet
107Kb / 1P
   With TO-220AB non insulated package
logo
Jiangsu Changjiang Elec...
BTB12-600CW JIANGSU-BTB12-600CW Datasheet
605Kb / 3P
   TO-220-3L Plastic-Encapsulate ThyristorS
logo
HAOPIN MICROELECTRONICS...
BTB12-600CW HAOPIN-BTB12-600CW Datasheet
490Kb / 5P
   Three quadrant triacs
logo
ON Semiconductor
BTB12-600CW3 ONSEMI-BTB12-600CW3 Datasheet
92Kb / 6P
   Silicon Bidirectional Thyristors
February, 2008 - Rev. 1
More results

Similar Description - BTB12-600CW

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
JST12FH JIEJIE-JST12FH Datasheet
493Kb / 4P
   12A TRIACs
logo
STMicroelectronics
T1235H STMICROELECTRONICS-T1235H Datasheet
94Kb / 7P
   12A TRIACS
logo
Kersemi Electronic Co.,...
BTB12-700C KERSEMI-BTB12-700C Datasheet
1,011Kb / 5P
   12A TRIACS
BTB12-800C KERSEMI-BTB12-800C Datasheet
1,011Kb / 5P
   12A TRIACS
BTB12-800B KERSEMI-BTB12-800B Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-600CW KERSEMI-BTA12-600CW Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-600BW KERSEMI-BTA12-600BW Datasheet
1,011Kb / 5P
   12A TRIACS
BTB12-800BW KERSEMI-BTB12-800BW Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-700SW KERSEMI-BTA12-700SW Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-600C KERSEMI-BTA12-600C Datasheet
1,011Kb / 5P
   12A TRIACS
logo
Unisonic Technologies
BTA12A UTC-BTA12A Datasheet
171Kb / 4P
   12A TRIACS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com