Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P164000KJWH Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P164000KJWH
Description  HDMI Keystone Wallplate Coupler, White (HDMI F-F)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P164000KJWH Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P164000KJWH Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P164000KJWH Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HDMI Keystone Wallplate Coupler, White (HDMI F/F)
MODEL NUMBER: P164-000-KJ-WH
Description
Tripp Lite's Keystone style HDMI wallplate jack snaps easily into Tripp Lite and most other keystone type wallplates. Gold plated connector shell and contacts
for maximum digital signal quality. Gives your home or office theater installation a finished look.
Features
Meets HDMI High Speed specifications
Gold plated connector shell and contacts for maximum signal quality and integrity
Fits Tripp Lite and most universal keystone style wallplates
White, durable ABS plastic housing
Specifications
OVERVIEW
Chromebook Compatible
Yes
Model Type
HDMI
PHYSICAL
Color
White
CONNECTIONS
Connector A
HDMI (FEMALE)
Connector B
HDMI (FEMALE)
WARRANTY
Highlights
Keystone style HDMI
Female/Female Coupler
Fits Tripp Lite and most
Keystone style wallplates
HDMI High Speed compatible
Package Includes
HDMI F/F Keystone style coupler,
white
1 / 2


Similar Part No. - P164000KJWH

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P164000 TRIPPLITE-P164000 Datasheet
478Kb / 2P
   HDMI Coupler Gender Changer (F-F)
More results

Similar Description - P164000KJWH

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P164-000-KJ-WH TRIPPLITE-P164-000-KJ-WH Datasheet
160Kb / 2P
   HDMI Keystone Wallplate Coupler, White (HDMI F/F)
P166001P TRIPPLITE-P166001P Datasheet
460Kb / 2P
   HDMI Send-Receive Pass-Through Wallplate, White (F-F)
P166-001-P TRIPPLITE-P166-001-P Datasheet
151Kb / 2P
   HDMI Send/Receive Pass-Through Wallplate, White (F/F)
P166001A TRIPPLITE-P166001A Datasheet
485Kb / 2P
   HDMI Display-Side Wallplate with Active Signal Booster, White (F-F)
P166-001-A TRIPPLITE-P166-001-A Datasheet
157Kb / 2P
   HDMI Display-Side Wallplate with Active Signal Booster, White (F/F)
P164-000-KP-BK TRIPPLITE-P164-000-KP-BK Datasheet
174Kb / 2P
   HDMI All-in-One Keystone/Panel Mount Coupler (F/F), Black
P164000 TRIPPLITE-P164000 Datasheet
478Kb / 2P
   HDMI Coupler Gender Changer (F-F)
P164-000 TRIPPLITE-P164-000 Datasheet
156Kb / 2P
   HDMI Coupler Gender Changer (F/F)
P164-000-KPA-BK TRIPPLITE-P164-000-KPA-BK Datasheet
172Kb / 2P
   HDMI All-in-One Keystone/Panel Mount Angled Coupler (F/F), Black
logo
IOGEAR
GHDCPLRW6 IOGEAR-GHDCPLRW6 Datasheet
132Kb / 2P
   HDMI짰 (F) to HDMI (F) Coupler with 4K Support
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com