Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR10LM-12LB Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # BCR10LM-12LB
Description  Triac Medium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR10LM-12LB Datasheet(HTML) 3 Page - Renesas Technology Corp

  BCR10LM-12LB_15 Datasheet HTML 1Page - Renesas Technology Corp BCR10LM-12LB_15 Datasheet HTML 2Page - Renesas Technology Corp BCR10LM-12LB_15 Datasheet HTML 3Page - Renesas Technology Corp BCR10LM-12LB_15 Datasheet HTML 4Page - Renesas Technology Corp BCR10LM-12LB_15 Datasheet HTML 5Page - Renesas Technology Corp BCR10LM-12LB_15 Datasheet HTML 6Page - Renesas Technology Corp BCR10LM-12LB_15 Datasheet HTML 7Page - Renesas Technology Corp BCR10LM-12LB_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BCR10LM-12LB
Preliminary
R07DS0064EJ0100 Rev.1.00
Page 3 of 7
Jul 27, 2010
Performance Curves
Maximum On-State Characteristics
On-State Voltage (V)
Rated Surge On-State Current
Conduction Time (Cycles at 60Hz)
Gate Characteristics (I, II and III)
Gate Current (mA)
Gate Trigger Voltage vs.
Junction Temperature
Junction Temperature (°C)
Gate Trigger Current vs.
Junction Temperature
Junction Temperature (°C)
Maximum Transient Thermal Impedance
Characteristics (Junction to case)
Conduction Time (Cycles at 60Hz)
100
25
101
40
20
37
102
42
5
37
4
60
80
100
30
10
50
70
90
0
1.5
2.5
3.5
1.0
0.5
2.0
3.0
4.0
102
7
5
3
2
101
7
5
7
5
3
2
100
100
23
101
57 102 23 5 7 103 23 5 7 104
7
5
3
2
101
7
5
3
5
2
7
5
10–1
3
2
102
5
101
7
2
3
103
5
7
2
3
–60
–20
20
60
100
160
140
–40
0
40
80
120
101
103
7
5
3
2
102
7
5
4
4
3
2
–60
–20
20
60
100
160
140
–40
0
40
80
120
Tj = 25°C
Tj = 150°C
VGM = 10V
PGM = 5W
IGM = 2A
VGT = 1.5V
IFGT I, IRGT III
IRGT I
VGD = 0.1V
PG(AV) =
0.5W
Typical Example
IRGT I, IRGT III
IFGT I
Typical Example
0.0
0.5
1.0
1.5
3.0
3.5
2.5
4.0
4.5
10–1
100
101
102
102
103
104
2.0


Similar Part No. - BCR10LM-12LB_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR10LM-12LB-A8 RENESAS-BCR10LM-12LB-A8 Datasheet
107Kb / 8P
   Triac
More results

Similar Description - BCR10LM-12LB_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR2PM-14LE RENESAS-BCR2PM-14LE Datasheet
87Kb / 7P
   Triac Medium Power Use
BCR16PM-12LG RENESAS-BCR16PM-12LG_07 Datasheet
132Kb / 8P
   Triac Medium Power Use
BCR20KM-12L RENESAS-BCR20KM-12L Datasheet
117Kb / 7P
   Triac Medium Power Use
BCR8KM-20LA RENESAS-BCR8KM-20LA Datasheet
139Kb / 8P
   Triac Medium Power Use
BCR5LM-12LB RENESAS-BCR5LM-12LB_15 Datasheet
117Kb / 8P
   Triac Medium Power Use
BCR5LM-14LD RENESAS-BCR5LM-14LD_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR8PM-20LA RENESAS-BCR8PM-20LA_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR12LM-16LH RENESAS-BCR12LM-16LH_15 Datasheet
124Kb / 8P
   Triac Medium Power Use
BCR16PM-16LH RENESAS-BCR16PM-16LH_15 Datasheet
100Kb / 8P
   Triac Medium Power Use
BCR16RM-12LB RENESAS-BCR16RM-12LB_15 Datasheet
148Kb / 10P
   Triac Medium Power Use
BCR12LM-14LB RENESAS-BCR12LM-14LB_15 Datasheet
111Kb / 8P
   Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com