Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR8PM-20LA Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # BCR8PM-20LA
Description  Triac Medium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR8PM-20LA Datasheet(HTML) 7 Page - Renesas Technology Corp

  BCR8PM-20LA_15 Datasheet HTML 1Page - Renesas Technology Corp BCR8PM-20LA_15 Datasheet HTML 2Page - Renesas Technology Corp BCR8PM-20LA_15 Datasheet HTML 3Page - Renesas Technology Corp BCR8PM-20LA_15 Datasheet HTML 4Page - Renesas Technology Corp BCR8PM-20LA_15 Datasheet HTML 5Page - Renesas Technology Corp BCR8PM-20LA_15 Datasheet HTML 6Page - Renesas Technology Corp BCR8PM-20LA_15 Datasheet HTML 7Page - Renesas Technology Corp BCR8PM-20LA_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
BCR8PM-20LA
Preliminary
R07DS0146EJ0200 Rev.2.00
Page 7 of 7
Sep 16, 2010
Package Dimensions
SC-67
2.0g
MASS[Typ.]
PRSS0003AA-A
RENESAS Code
JEITA Package Code
Previous Code
Unit: mm
Package Name
TO-220F
5.2
10.5Max
0.8
2.54
2.54
0.5
2.6
2.8
1.3Max
φ3.2±0.2
Order Code
Lead form
Standard packing
Quantity
Standard order code
Standard order
code example
Straight type
Vinyl sack
100
Type name
BCR8PM-20LA
Lead form
Plastic Magazine (Tube)
50
Type name – Lead forming code
BCR8PM-20LA-A8
Note : Please confirm the specification about the shipping in detail.


Similar Part No. - BCR8PM-20LA_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR8PM-20LA-A8 RENESAS-BCR8PM-20LA-A8 Datasheet
140Kb / 8P
   Triac Medium Power Use
More results

Similar Description - BCR8PM-20LA_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR2PM-14LE RENESAS-BCR2PM-14LE Datasheet
87Kb / 7P
   Triac Medium Power Use
BCR16PM-12LG RENESAS-BCR16PM-12LG_07 Datasheet
132Kb / 8P
   Triac Medium Power Use
BCR20KM-12L RENESAS-BCR20KM-12L Datasheet
117Kb / 7P
   Triac Medium Power Use
BCR8KM-20LA RENESAS-BCR8KM-20LA Datasheet
139Kb / 8P
   Triac Medium Power Use
BCR5LM-12LB RENESAS-BCR5LM-12LB_15 Datasheet
117Kb / 8P
   Triac Medium Power Use
BCR5LM-14LD RENESAS-BCR5LM-14LD_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR12LM-16LH RENESAS-BCR12LM-16LH_15 Datasheet
124Kb / 8P
   Triac Medium Power Use
BCR16PM-16LH RENESAS-BCR16PM-16LH_15 Datasheet
100Kb / 8P
   Triac Medium Power Use
BCR16RM-12LB RENESAS-BCR16RM-12LB_15 Datasheet
148Kb / 10P
   Triac Medium Power Use
BCR12LM-14LB RENESAS-BCR12LM-14LB_15 Datasheet
111Kb / 8P
   Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com