Part Name
Included
start with
end
match
Description
IRFIBC40G
Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=3.5A) ( 6 Page)
IRF
100%
4 page
Html Pages
1
2
3
4
5
6
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
SBF50P10-023L
RAD
TOLERANT
LOW
RDS
HERMETIC
POWER
MOSFET
-
P-CHANNEL
1
2
3
Sensitron
IRFIBC40GLC
Power
MOSFET
Vdss=600V
Rds
on
=1.2ohm
Id=3.5A
1
2
3
4
5
More
International Rectifier
SHD224701
LOW
RDS
HERMETIC
POWER
MOSFET
-
N-CHANNEL
1
2
Sensitron
JANTX2N6782
POWER
MOSFET
N-CHANNEL
BVdss=100V
Rds
on
=0.60ohm
Id=3.5A
1
2
3
4
5
More
International Rectifier
JANTX2N6790
POWER
MOSFET
N-CHANNEL
BVdss=200V
Rds
on
=0.80ohm
Id=3.5A
1
2
3
4
5
More
International Rectifier
SHD225701
LOW
RDS
HERMETIC
POWER
MOSFET
-
N-CHANNEL
1
2
Sensitron
SHD244702
LOW
RDS
HERMETIC
POWER
MOSFET
-
P-CHANNEL
1
2
3
Sensitron
STB80NF10
N-channel
100V
-
0.012OHM
-
80A
-
TO-220
/
D2PAK
Low
gate
charge
STRIPFET
TM
II
Power
MOSFET
1
2
3
4
5
More
STMicroelectronics
MMDF3N06HD
DUAL
TMOS
POWER
MOSFET
60
VOLTS
1
2
3
4
5
More
Motorola, Inc
2SK3520-01MR
N
CHANNEL
SILICON
POWER
MOSFET
1
2
Fuji Electric
Link URL
Sponsor of Alldatasheet
Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com
World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com
Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com
Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com
Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Partner program
|
Contact us
|
Privacy Policy
|
Bookmark
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
2003 - 2013
Mirror Sites
English :
Alldatasheet.com
,
Alldatasheet.net
|   Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
| Russian :
Alldatasheetru.com
Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
| Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl