Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNO-500-B1 Datasheet(PDF) 1 Page - TEMEX

Part # LNO-500-B1
Description  Specific request can be addressed to RAKON
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

LNO-500-B1 Datasheet(HTML) 1 Page - TEMEX

  LNO-500-B1 Datasheet HTML 1Page - TEMEX LNO-500-B1 Datasheet HTML 2Page - TEMEX LNO-500-B1 Datasheet HTML 3Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Low Noise Oscillator series
LNO 500 B1
OCSO @ 500 MHz
LNO 500 Revision B November 2012
1 / 3
www.rakon.com
R a k o n r e s e r v e s t h e r i g h t t o m o d i f y h e r e i n s p e c i f i c a t i o n s a n d i n f o r m a t i o n w h e n n e c e s s a r y t o p r o v i d e
o p t i m u m p e r f o r m a n c e a n d c o s t
Specific request can be addressed to RAKON info@rakon.fr
Product Description
LNO 500 B1 is a LN (Low Noise) OCVCSO (Oven Controlled, Voltage
controlled, SAW Oscillator) at 500 MHz.
It is designed for lab environment (test equipment, shelter, ground
based military equipment, etc.).
LNO 500 B1 is available in a 95.25mm x 76.2mm x 23.27mm package.
Features
- 140 dBc/Hz @ 1 kHz offset (typical)
< - 180 dBc/Hz noise floor (typical)
Applications
Instrumentation (test equipment, simulator)
Ground based military equipment as per MIL-PRF-28800F, Class 3
Typical phase noise
Test bench: NoiseXT DCNTS
Plot: Individual phase noise


Similar Part No. - LNO-500-B1

ManufacturerPart #DatasheetDescription
logo
TEMEX
LNO-500-D1 TEMEX-LNO-500-D1 Datasheet
820Kb / 5P
   Specific request can be addressed to RAKON
More results

Similar Description - LNO-500-B1

ManufacturerPart #DatasheetDescription
logo
TEMEX
LNO-640-D1 TEMEX-LNO-640-D1 Datasheet
739Kb / 5P
   Specific request can be addressed to RAKON
LNO-500-D1 TEMEX-LNO-500-D1 Datasheet
820Kb / 5P
   Specific request can be addressed to RAKON
LNO-1000-B1 TEMEX-LNO-1000-B1 Datasheet
469Kb / 3P
   Specific request can be addressed to RAKON
LNO-320-D1 TEMEX-LNO-320-D1 Datasheet
734Kb / 5P
   Specific request can be addressed to RAKON
LNO-480-B1 TEMEX-LNO-480-B1 Datasheet
517Kb / 4P
   Specific request can be addressed to RAKON
HSO-14 TEMEX-HSO-14 Datasheet
609Kb / 4P
   Specific request can be addressed to RAKON
LNO-320-B1 TEMEX-LNO-320-B1 Datasheet
417Kb / 3P
   Specific request can be addressed to RAKON
LNO-100 TEMEX-LNO-100 Datasheet
873Kb / 9P
   Specific request can be addressed to RAKON
LNO-640-B1 TEMEX-LNO-640-B1 Datasheet
448Kb / 3P
   Specific request can be addressed to RAKON
LNO-1280-B1 TEMEX-LNO-1280-B1 Datasheet
459Kb / 4P
   Specific request can be addressed to RAKON
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com