Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSO-14 Datasheet(PDF) 2 Page - TEMEX

Part # HSO-14
Description  Specific request can be addressed to RAKON
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

HSO-14 Datasheet(HTML) 2 Page - TEMEX

  HSO-14 Datasheet HTML 1Page - TEMEX HSO-14 Datasheet HTML 2Page - TEMEX HSO-14 Datasheet HTML 3Page - TEMEX HSO-14 Datasheet HTML 4Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
High Stability Oscillator series
HSO 14
10
-14 Short-term Stability class OCXO
September 2nd, 2014
Shortform, 51001808.110, Issue A1
2 / 4
www.rakon.com
3. Performance data
3.1. @5MHz
Parameters
Conditions/Remarks
Min
Typ
Max
Unit
Nominal Frequency (Fn)
5
MHz
With internal potentiometer
± 50
± 100
ppb
Frequency tuning with Vc input from 0V to 10V
± 20
ppb
Steady state supply current
Typical @ 25°C
2.4
3
W
Warm up supply current
Frequency achievement 5mn after start up @ 25°C
10
W
For frequency in the range Fn +/- 1 ppm
5
mn
For full performance
1
28
day
Frequency stability vs temperature
± 5E-11
Frequency variation vs. supply voltage
Vcc ±1% @25°C
± 1E-11
Frequency variation vs. load
For ±10% variation of load
± 2E-11
per day
± 5E-11
per month
± 1.5E-9
per year
± 1E-8
10 years cumulated
± 5E-8
G-sensitivity
± 1
ppb/G
Output waveform
Output level
7
8
9
dBm
Harmonics level
-40
dBc
Spurious level
-80
dBc
Frequency ageing
after 30 days of continuous operation
Sine
Relative pulling frequency range
Frequency warm up time
3.2. @10MHz
Parameters
Conditions/Remarks
Min
Typ
Max
Unit
Nominal Frequency (Fn)
10
MHz
With internal potentiometer
± 50
± 100
ppb
Frequency tuning with Vc input from 0V to 10V
± 20
70
ppb
Steady state supply current
Typical @ 25°C
3.5
4
W
Warm up supply current
Frequency achievement 5mn after start up @ 25°C
10
W
For frequency in the range Fn +/- 1 ppm
5
mn
For full performance
1
28
day
Frequency stability vs temperature
± 5E-11
Frequency variation vs. supply voltage
Vcc ±1% @25°C
± 1E-11
Frequency variation vs. load
For ±10% variation of load
± 2E-11
per day
± 5E-11
per month
± 1.5E-9
per year
± 1E-8
10 years cumulated
± 5E-8
G-sensitivity
± 1
ppb/G
Output waveform
Output level
7
8
9
dBm
Harmonics level
-40
dBc
Spurious level
-80
dBc
Frequency ageing
after 30 days of continuous operation
Sine
Relative pulling frequency range
Frequency warm up time
4. Short-term stability options & phase noise
08
ADEV= 08E-14
1E-13
08E-14
@5MHz only
-130/-
-142/-
-147/-
-147/-148 -147/-148
@5MHz
-130/-
-142/-
-147/-
-147/-148 -147/-148
@10MHz
-122/-
-135/-
-140/-
-140/-141 -140/-141
25
ADEV= 25E-14
25E-14
10
ADEV= 10E-14
10E-14
100Hz
Max/Typ.
Conditions/Remarks
Tau = 1s
Tau = 3s - 30s
Frequency
20
ADEV= 20E-14
20E-14
ADEV option
15
ADEV= 15E-14
15E-14
1Hz
Max/Typ.
10Hz
Max/Typ.
1kHz
Max/Typ.
10kHz
Max/Typ.


Similar Part No. - HSO-14

ManufacturerPart #DatasheetDescription
logo
TEMEX
HSO13 TEMEX-HSO13 Datasheet
514Kb / 4P
   10-13 Short-term stability class OCXO
HSO14 TEMEX-HSO14 Datasheet
609Kb / 4P
   High Stability Oscillator
logo
Greystone Energy System...
HSOB GREYSTONE-HSOB Datasheet
260Kb / 2P
   OUTSIDE HUMIDITY TRANSMITTER
logo
Rohm
HSON8 ROHM-HSON8 Datasheet
35Kb / 2P
   LSI Assembly
logo
Global Mixed-mode Techn...
HSOP-28 GMT-HSOP-28 Datasheet
135Kb / 1P
   Package Outline
More results

Similar Description - HSO-14

ManufacturerPart #DatasheetDescription
logo
TEMEX
LNO-640-D1 TEMEX-LNO-640-D1 Datasheet
739Kb / 5P
   Specific request can be addressed to RAKON
LNO-500-D1 TEMEX-LNO-500-D1 Datasheet
820Kb / 5P
   Specific request can be addressed to RAKON
LNO-1000-B1 TEMEX-LNO-1000-B1 Datasheet
469Kb / 3P
   Specific request can be addressed to RAKON
LNO-320-D1 TEMEX-LNO-320-D1 Datasheet
734Kb / 5P
   Specific request can be addressed to RAKON
LNO-480-B1 TEMEX-LNO-480-B1 Datasheet
517Kb / 4P
   Specific request can be addressed to RAKON
LNO-320-B1 TEMEX-LNO-320-B1 Datasheet
417Kb / 3P
   Specific request can be addressed to RAKON
LNO-500-B1 TEMEX-LNO-500-B1 Datasheet
412Kb / 3P
   Specific request can be addressed to RAKON
LNO-100 TEMEX-LNO-100 Datasheet
873Kb / 9P
   Specific request can be addressed to RAKON
LNO-640-B1 TEMEX-LNO-640-B1 Datasheet
448Kb / 3P
   Specific request can be addressed to RAKON
LNO-1280-B1 TEMEX-LNO-1280-B1 Datasheet
459Kb / 4P
   Specific request can be addressed to RAKON
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com