Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD16662N Datasheet(PDF) 4 Page - NEC

Part # UPD16662N
Description  240 OUTPUT LCD COLUMN SEGMENT DRIVER WITH BUILT-IN RAM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16662N Datasheet(HTML) 4 Page - NEC

  UPD16662N Datasheet HTML 1Page - NEC UPD16662N Datasheet HTML 2Page - NEC UPD16662N Datasheet HTML 3Page - NEC UPD16662N Datasheet HTML 4Page - NEC UPD16662N Datasheet HTML 5Page - NEC UPD16662N Datasheet HTML 6Page - NEC UPD16662N Datasheet HTML 7Page - NEC UPD16662N Datasheet HTML 8Page - NEC UPD16662N Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4
µµµµPD16662
Block Functions
(1) Address management circuit
The address management circuit converts addresses transferred from the system through A0 to A16 into addresses
compatible with the memory map of the built-in RAM. This function can be used to address up to 480 x 320 dots with
four of these LSIs, thus making it possible to configure a liquid crystal display system without difficulty. Moreover,
addresses 1FFF0H to 1FFFFH are allocated to the gray scale pallet register, making it possible to choose any 4 gray
scales from the 25-level pallet.
(2) Arbiter
The arbiter adjusts the contention between the RAM access from the system and the RAM read on the liquid-crystal
drive side.
(3) RAM
Static RAM (single port) of 240 by 160 by 2 bits
(4) Data bus control
This circuit controls the data transfer directions through the read/write from the system. It also performs an 8/16-bit
switch via the BMODE pin.
(5) Gray scale generation circuit
This circuit realizes the 25 levels by frame thinning out and pulse width modulation.
(6) Internal timing generation
Internal timing to each block is generated from /FRM and STB signals.
(7) CR oscillator
The CR oscillator generates the clock which will become a criterion of the frame frequency in master mode. 1/2592
of this oscillation becomes the frame frequency. For example, if the frame frequency is 70 Hz, the required oscillation
frequency is 181.44 kHz. As the CR oscillator has a built-in capacitor, adjust the required oscillation frequency with
an external resistor.
In slave mode, the oscillation is stopped.
(8) Liquid crystal timing generation
In master mode, /FRM (frame signal), STB (column drive signal strobe), and PULSE (25-gray-sc ale pallet pulse
modulation clock) are generated.
(9) Gray scale control
This circuit realizes a four-gray scale display.
(10) Data latch (1)
Reads and latches 240-pixel data from the RAM.
(11) Data latch (2)
Latches 240-pixel data synchronously with the STB signal.


Similar Part No. - UPD16662N

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16661A NEC-UPD16661A Datasheet
187Kb / 36P
   160-OUTPUT LCD COLUMN SEGMENT DRIVER WITH RAM
logo
Renesas Technology Corp
UPD16661A RENESAS-UPD16661A Datasheet
368Kb / 38P
   MOS INTEGRATED CIRCUIT
1998
logo
NEC
UPD16661AN NEC-UPD16661AN Datasheet
187Kb / 36P
   160-OUTPUT LCD COLUMN SEGMENT DRIVER WITH RAM
UPD16661AN-051 NEC-UPD16661AN-051 Datasheet
187Kb / 36P
   160-OUTPUT LCD COLUMN SEGMENT DRIVER WITH RAM
logo
Renesas Technology Corp
UPD16661AN-051 RENESAS-UPD16661AN-051 Datasheet
368Kb / 38P
   MOS INTEGRATED CIRCUIT
1998
More results

Similar Description - UPD16662N

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16663 NEC-UPD16663 Datasheet
289Kb / 40P
   240-OUTPUT LCD COLUMN SEGMENT DRIVER WITH BUILT-IN RAM
UPD16661A NEC-UPD16661A Datasheet
187Kb / 36P
   160-OUTPUT LCD COLUMN SEGMENT DRIVER WITH RAM
UPD16664 NEC-UPD16664 Datasheet
347Kb / 52P
   144/160/184/208-OUTPUT LCD COLUMN SEGMENT DRIVER WITH RAM
logo
List of Unclassifed Man...
HM17CM4096 ETC2-HM17CM4096 Datasheet
1Mb / 67P
   128XRGBX162 OUTPUT LCD DRIVER IC with built-in RAM
logo
Hynix Semiconductor
HM17CM256 HYNIX-HM17CM256 Datasheet
2Mb / 111P
   128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
logo
Motorola, Inc
MC141563 MOTOROLA-MC141563 Datasheet
226Kb / 15P
   LCD Segment (Column) Driver CMOS
logo
Sharp Corporation
LH1548 SHARP-LH1548 Datasheet
139Kb / 18P
   240-output LCD Segment Driver IC
logo
List of Unclassifed Man...
NT7704 ETC1-NT7704 Datasheet
386Kb / 40P
   240 Output LCD Segment/Common Driver
NT7702 ETC1-NT7702 Datasheet
384Kb / 38P
   240 Output LCD Segment/Common Driver
logo
Taiwan Memory Technolog...
T66H0001A TMT-T66H0001A Datasheet
343Kb / 35P
   240 output LCD Segment/Common Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com