Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYQ-5241JX-12 Datasheet(PDF) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYQ-5241JX-12
Description  0.52Inch (13.20mm) digit height Four Digits Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYQ-5241JX-12 Datasheet(HTML) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYQ-5241JX-12 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYQ-5241JX-12 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYQ-5241JX-12 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYQ-5241JX-12 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYQ-5241JX-12 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Model No.
Rev.
Min
5
-40
-40
■ Electrical-Optical Characteristics
Color Code & Chip Characteristics:(Test Condition:IF=20mA)
Typ
H
Red
90nm
2.00
S
Hi Red
20nm
1.80
D
Super Red
20nm
1.90
E
Orange
35nm
1.90
A
Amber
35nm
1.90
Y
Yellow
35nm
1.90
G
Green
10nm
1.90
3.40
2.80
2.80
PG Pure Green
36nm
2.80
W
White
CCT:9500K
2.80
UHR Ultra Hi Red
20nm
1.90
UR Ultra Red
20nm
1.90
UE Ultra Orange
20nm
1.90
UA Ultra Amber
AlGaInP
20nm
1.90
2.50
UY Ultra Yellow
AlGaInP
20nm
1.90
2.50
UG Ultra Green
AlGaInP
30nm
1.90
2.50
PG Ultra Pure Green
InGaN
36nm
2.80
3.80
BG Ultra Bluish Green InGaN
36nm
2.80
3.80
30nm
2.80
30nm
2.80
UW Ultra White
CCT:9500K
2.80
Note:
1.Luminous Intensity is based on the Foryard standards.
2.Pay attention about static for InGaN
Page: 4/5
Test Condition
mA
260~310
60~100
50~140~190
30~60~80
Reverse Voltage
VR
IR=30
Topr
2.50
Unit
+85
(Ta=25℃)
FYQ-5241I/JX-XX
A
mA
150
Max
(Ta=25℃)
570nm
180~200
3.80
Tstr
505nm
625nm
2.50
Storage Temperature
Luminous
Intensity
(Iv)
Unit:mcd
635nm
590nm
AlGaInP
2.50
2.50
0.7~1(mw)
610nm
6~12(mw)
4~6(mw)
470nm
80~90~120
260~310
Ultra Blue
InGaN
X=0.29,Y=0.30
InGaN
UB
460nm
3.80
Http://www.foryard.com
470nm
Segment-to-Segment Luminous Intensity ratio(Iv-M)
1.5:1
80~90~120
3.80
60~120
20-30
6~12(mw)
3.80
3.80
2.50
InGaN
X=0.29,Y=0.30
AlGaInP
640nm
30~60
Blue
InGaN
Ultra brightness
430nm
3.80
60nm
3.80
460nm
520nm
4.40
InGaN
590nm
610nm
GaP
13~18
14~18
15~20
14~20
26~38
GaAsP
GaAsP
13~18
2.50
2.50
520nm
40~100~150
AlGaInP
570nm
2.50
Peak Wave
Length(λP)
GaAsP
AlGaAs/DH
650nm
B
AlGaAs/SH
660nm
700nm
GaP
2.50
Spectral
Line
halfwidth(∆
λ1/2)
1
Emitting Color
625nm
Max
Dice
Material
30
+85
Symbol
Parameter
Value
Operating Temperature
2.50
Standard brightness
Forward
Voltage(VF) Unit:V
Pulse Current
Ipeak
Duty=0.1mS,1KHz
Forward Current
IF
Power Dissipation
100
V
Pd
mW
■ Absolute maximum ratings
Model No.:
:FYQ-5241I/JX-XX


Similar Part No. - FYQ-5241JX-12

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYQ-5241AX-00 FORYARD-FYQ-5241AX-00 Datasheet
380Kb / 5P
   0.52Inch (13.20mm) digit height Four Digits Display
FYQ-5241AX-01 FORYARD-FYQ-5241AX-01 Datasheet
380Kb / 5P
   0.52Inch (13.20mm) digit height Four Digits Display
FYQ-5241AX-02 FORYARD-FYQ-5241AX-02 Datasheet
380Kb / 5P
   0.52Inch (13.20mm) digit height Four Digits Display
FYQ-5241AX-03 FORYARD-FYQ-5241AX-03 Datasheet
380Kb / 5P
   0.52Inch (13.20mm) digit height Four Digits Display
FYQ-5241AX-04 FORYARD-FYQ-5241AX-04 Datasheet
380Kb / 5P
   0.52Inch (13.20mm) digit height Four Digits Display
More results

Similar Description - FYQ-5241JX-12

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYQ-5241CX-00 FORYARD-FYQ-5241CX-00 Datasheet
371Kb / 5P
   0.52Inch (13.20mm) digit height Four Digits Display
FYQ-5241GX-00 FORYARD-FYQ-5241GX-00 Datasheet
372Kb / 5P
   0.52Inch (13.20mm) digit height Four Digits Display
FYQ-5241EX-00 FORYARD-FYQ-5241EX-00 Datasheet
369Kb / 5P
   0.52Inch (13.20mm) digit height Four Digits Display
FYQ-5241AX-00 FORYARD-FYQ-5241AX-00 Datasheet
380Kb / 5P
   0.52Inch (13.20mm) digit height Four Digits Display
FYD-5221AX-00 FORYARD-FYD-5221AX-00 Datasheet
398Kb / 5P
   0.52Inch (13.20mm) digit height Double Digits Display
FYT-5231EX-00 FORYARD-FYT-5231EX-00 Datasheet
532Kb / 5P
   0.52 Inch (13.20mm) digit height Three Digits Display
FYT-5231GX-00 FORYARD-FYT-5231GX-00 Datasheet
526Kb / 5P
   0.52 Inch (13.20mm) digit height Three Digits Display
FYT-5231CX-00 FORYARD-FYT-5231CX-00 Datasheet
516Kb / 5P
   0.52 Inch (13.20mm) digit height Three Digits Display
FYT-5231AX-00 FORYARD-FYT-5231AX-00 Datasheet
529Kb / 5P
   0.52 Inch (13.20mm) digit height Three Digits Display
FYQ-3141AX-00 FORYARD-FYQ-3141AX-00 Datasheet
417Kb / 5P
   0.31Inch (8.00mm) digit height Four Digits Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com