Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYS-5211AX-22 Datasheet(PDF) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYS-5211AX-22
Description  0.52 Inch (13.20mm) digit height Single Digit Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYS-5211AX-22 Datasheet(HTML) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYS-5211AX-22 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-5211AX-22 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-5211AX-22 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-5211AX-22 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-5211AX-22 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Model No.
Rev.
■ -XX: REF Surface / Epoxy color
1
2
3
○ Black ○ Gray
○ Red
■ Mechanical Dimensions
Notes:
1. All pins are Φ0.50[.020]mm
2. Dimension in millimeter [inch], tolerance is ±0.25 [.010] and angle is ±1° unless otherwise noted.
3. Bending
≤Length*1%.
4.The specifications,characteristics and technical data described in the datasheet are subject to change without prior notice.
Page
2/5
FYS-5211A/BX-X5
A
0
Model No.
:FYS-5211A/BX-X5
Http://www.foryard.com
Color
Number
4
○ Green
REF Surface Color
○ White
Epoxy Color
5
○ YAG


Similar Part No. - FYS-5211AX-22

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-5211AX-22 FORYARD-FYS-5211AX-22 Datasheet
391Kb / 5P
   0.52 Inch (13.20mm) digit height Single Digit Display
More results

Similar Description - FYS-5211AX-22

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-5212AX-00 FORYARD-FYS-5212AX-00 Datasheet
393Kb / 5P
   0.52 Inch (13.20mm) digit height Single Digit Display
FYS-5211AX-00 FORYARD-FYS-5211AX-00 Datasheet
391Kb / 5P
   0.52 Inch (13.20mm) digit height Single Digit Display
FYS-5213AX-00 FORYARD-FYS-5213AX-00 Datasheet
393Kb / 5P
   0.52 Inch (13.20mm) digit height Single Digit Display
FYT-5231EX-00 FORYARD-FYT-5231EX-00 Datasheet
532Kb / 5P
   0.52 Inch (13.20mm) digit height Three Digits Display
FYT-5231GX-00 FORYARD-FYT-5231GX-00 Datasheet
526Kb / 5P
   0.52 Inch (13.20mm) digit height Three Digits Display
logo
BRIGHT LED ELECTRONICS ...
BS-C536RD BRIGHT-BS-C536RD Datasheet
139Kb / 3P
   0.52(13.20MM)single DIGIT LED DISPLAY
logo
Ningbo Foryard Optoelec...
FYT-5231AX-00 FORYARD-FYT-5231AX-00 Datasheet
529Kb / 5P
   0.52 Inch (13.20mm) digit height Three Digits Display
FYT-5231CX-00 FORYARD-FYT-5231CX-00 Datasheet
516Kb / 5P
   0.52 Inch (13.20mm) digit height Three Digits Display
logo
BRIGHT LED ELECTRONICS ...
BT-C533RD BRIGHT-BT-C533RD Datasheet
87Kb / 1P
   0.52(13.20MM)THREE DIGIT LED DISPLAY
logo
PARA LIGHT ELECTRONICS ...
C-521SR PARALIGHT-C-521SR Datasheet
147Kb / 10P
   0.52 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com