Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYQ-3341CX-10 Datasheet(PDF) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYQ-3341CX-10
Description  0.33Inch (8.38mm) digit height Four Digits Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYQ-3341CX-10 Datasheet(HTML) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYQ-3341CX-10 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYQ-3341CX-10 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYQ-3341CX-10 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYQ-3341CX-10 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYQ-3341CX-10 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Model No.
Rev.
Min
5
-40
-40
■ Electrical-Optical Characteristics
Color Code & Chip Characteristics:(Test Condition:IF=20mA)
Typ
H
Red
90nm
2.00
S
Hi Red
20nm
1.80
D
Super Red
20nm
1.90
E
Orange
35nm
1.90
A
Amber
35nm
1.90
Y
Yellow
35nm
1.90
G
Green
10nm
1.90
3.40
2.80
2.80
PG Pure Green
36nm
2.80
W
White
CCT:9500K
2.80
UHR Ultra Hi Red
20nm
1.90
UR Ultra Red
20nm
1.90
UE Ultra Orange
20nm
1.90
UA Ultra Amber
AlGaInP
20nm
1.90
2.50
UY Ultra Yellow
AlGaInP
20nm
1.90
2.50
UG Ultra Green
AlGaInP
30nm
1.90
2.50
PG Ultra Pure Green
InGaN
36nm
2.80
3.80
BG Ultra Bluish Green InGaN
36nm
2.80
3.80
30nm
2.80
30nm
2.80
UW Ultra White
CCT:9500K
2.80
Note:
1.Luminous Intensity is based on the Foryard standards.
2.Pay attention about static for InGaN
Page: 4/5
Test Condition
mA
mW
A
Symbol
Parameter
FYQ-3341C/DX-XX
V
Max
40~100~150
2.50
Storage Temperature
100
GaAsP
2.50
Unit
(Ta=25℃)
Tstr
Operating Temperature
Model No.:
:FYQ-3341C/DX-XX
Luminous
Intensity
(Iv)
Unit:mcd
26~38
+85
2.50
Standard brightness
Forward
Voltage(VF) Unit:V
635nm
3.80
4.40
460nm
4~6(mw)
470nm
60nm
3.80
700nm
GaP
2.50
Spectral
Line
halfwidth(∆
λ1/2)
Max
2.50
60~100
2.50
AlGaInP
B
Blue
InGaN
Ultra brightness
430nm
6~12(mw)
80~90~120
0.7~1(mw)
60~120
20-30
6~12(mw)
260~310
InGaN
3.80
2.50
InGaN
X=0.29,Y=0.30
AlGaInP
640nm
30~60
520nm
590nm
570nm
460nm
Http://www.foryard.com
3.80
80~90~120
50~140~190
30~60~80
180~200
3.80
3.80
470nm
Segment-to-Segment Luminous Intensity ratio(Iv-M)
1.5:1
505nm
260~310
2.50
520nm
610nm
3.80
AlGaInP
625nm
Ultra Blue
InGaN
X=0.29,Y=0.30
InGaN
UB
GaP
AlGaAs/DH
650nm
mA
150
13~18
14~18
15~20
(Ta=25℃)
660nm
14~20
1
570nm
13~18
2.50
AlGaAs/SH
Dice
Material
30
+85
590nm
610nm
Emitting Color
625nm
GaAsP
GaAsP
Peak Wave
Length(λP)
2.50
Reverse Voltage
VR
IR=30
Topr
Pd
Pulse Current
Ipeak
Duty=0.1mS,1KHz
Forward Current
IF
Power Dissipation
Value
■ Absolute maximum ratings


Similar Part No. - FYQ-3341CX-10

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYQ-3341AX-00 FORYARD-FYQ-3341AX-00 Datasheet
381Kb / 5P
   0.33Inch (8.38mm) digit height Four Digits Display
FYQ-3341AX-01 FORYARD-FYQ-3341AX-01 Datasheet
381Kb / 5P
   0.33Inch (8.38mm) digit height Four Digits Display
FYQ-3341AX-02 FORYARD-FYQ-3341AX-02 Datasheet
381Kb / 5P
   0.33Inch (8.38mm) digit height Four Digits Display
FYQ-3341AX-03 FORYARD-FYQ-3341AX-03 Datasheet
381Kb / 5P
   0.33Inch (8.38mm) digit height Four Digits Display
FYQ-3341AX-04 FORYARD-FYQ-3341AX-04 Datasheet
381Kb / 5P
   0.33Inch (8.38mm) digit height Four Digits Display
More results

Similar Description - FYQ-3341CX-10

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYQ-3341AX-00 FORYARD-FYQ-3341AX-00 Datasheet
381Kb / 5P
   0.33Inch (8.38mm) digit height Four Digits Display
FYQ-3342AX-00 FORYARD-FYQ-3342AX-00 Datasheet
381Kb / 5P
   0.33Inch (8.38mm) digit height Four Digits Display
FYQ-3141AX-00 FORYARD-FYQ-3141AX-00 Datasheet
417Kb / 5P
   0.31Inch (8.00mm) digit height Four Digits Display
FYQ-3941KX-00 FORYARD-FYQ-3941KX-00 Datasheet
379Kb / 5P
   0.39Inch (9.90mm) digit height Four Digits Display
FYQ-3942CX-00 FORYARD-FYQ-3942CX-00 Datasheet
383Kb / 5P
   0.39Inch (10.00mm) digit height Four Digits Display
FYQ-4041AX-00 FORYARD-FYQ-4041AX-00 Datasheet
382Kb / 5P
   0.4Inch (10.16mm) digit height Four Digits Display
FYQ-4041CX-00 FORYARD-FYQ-4041CX-00 Datasheet
380Kb / 5P
   0.4Inch (10.16mm) digit height Four Digits Display
FYQ-4041EX-00 FORYARD-FYQ-4041EX-00 Datasheet
377Kb / 5P
   0.4Inch (10.16mm) digit height Four Digits Display
FYQ-4041GX-00 FORYARD-FYQ-4041GX-00 Datasheet
381Kb / 5P
   0.4Inch (10.16mm) digit height Four Digits Display
FYQ-5241EX-00 FORYARD-FYQ-5241EX-00 Datasheet
369Kb / 5P
   0.52Inch (13.20mm) digit height Four Digits Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com