Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA1932TE Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # PA1932TE
Description  MOS FIELD EFFECT TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PA1932TE Datasheet(HTML) 2 Page - Renesas Technology Corp

  PA1932TE_15 Datasheet HTML 1Page - Renesas Technology Corp PA1932TE_15 Datasheet HTML 2Page - Renesas Technology Corp PA1932TE_15 Datasheet HTML 3Page - Renesas Technology Corp PA1932TE_15 Datasheet HTML 4Page - Renesas Technology Corp PA1932TE_15 Datasheet HTML 5Page - Renesas Technology Corp PA1932TE_15 Datasheet HTML 6Page - Renesas Technology Corp PA1932TE_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
μ PA1932TE
Chapter Title
R07DS0001EJ0100 Rev.1.00
Page 2 of 5
May 31, 2010
Remark The diode connected between the gate and source of the transistor serves as a protector against ESD.
When this device actually used, an additional protection circuit is externally required if a voltage exceeding the
rated voltage may be applied to this device.
Caution for Electrostatic Discharge
This product is electrostatic-sensitive device due to low ESD capability and should be handled with caution
for electrostatic discharge. VESD ± 200 V TYP. (C = 200 pF, R = 0
Ω, Single pulse)
Electrical Characteristics (TA = 25
°C)
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Zero Gate Voltage Drain Current
IDSS
−1
μA
VDS =
−30 V, VGS = 0 V
Gate Leakage Current
IGSS
m10
μA
VGS = m16 V, VDS = 0 V
Gate to Source Cut-off Voltage
VGS(off)
−1.0
−1.6
−2.5
V
VDS =
−10 V, ID = −1.0 mA
Forward Transfer Admittance
Note
| yfs |
2.5
5.0
S
VDS =
−10 V, ID = −3.0 A
RDS(on)1
30
38
m
Ω
VGS =
−10 V, ID = −3.0 A
Drain to Source On-state Resistance
Note
RDS(on)2
36
59
m
Ω
VGS =
−4.5 V, ID = −3.0 A
Input Capacitance
Ciss
950
pF
Output Capacitance
Coss
210
pF
Reverse Transfer Capacitance
Crss
170
pF
VDS =
−10 V
VGS = 0 V
f = 1.0 MHz
Turn-on Delay Time
td(on)
11
ns
Rise Time
tr
10
ns
Turn-off Delay Time
td(off)
73
ns
Fall Time
tf
30
ns
VDD =
−15 V, ID = −3.0 A,
VGS =
−10 V,
RG = 6
Ω
Total Gate Charge
QG
20
nC
Gate to Source Charge
QGS
2
nC
Gate to Drain Charge
QGD
6
nC
VDD =
−24 V,
VGS =
−10 V,
ID =
−6.0 A
Body Diode Forward Voltage
Note
VF(S-D)
0.9
V
IF =
−6.0 A, VGS = 0 V
Reverse Recovery Time
trr
36
ns
Reverse Recovery Charge
Qrr
23
nC
IF =
−6.0A, VGS = 0 V,
di/dt =
−100A/μ s
Note: Pulsed
TEST CIRCUIT 1 AVALANCHE CAPABILITY
RG = 25
Ω
50
Ω
L
VDD
VGS =
−20 → 0 V
BVDSS
IAS
ID
VDS
Starting Tch
VDD
D.U.T.
TEST CIRCUIT 3 GATE CHARGE
TEST CIRCUIT 2 SWITCHING TIME
PG.
RG
0
VGS(−)
D.U.T.
RL
VDD
τ = 1 s
μ
Duty Cycle
≤ 1%
VGS
Wave Form
VDS
Wave Form
VGS(−)
10%
90%
VGS
10%
0
VDS(−)
90%
90%
td(on)
tr
td(off)
tf
10%
τ
VDS
0
ton
toff
PG.
PG.
50
Ω
D.U.T.
RL
VDD
IG =
−2 mA


Similar Part No. - PA1932TE_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA1930 ETC2-PA1930 Datasheet
143Kb / 1P
   BNC Coax 3-in-1 Multi-Tool
More results

Similar Description - PA1932TE_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com