Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE79XX Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SE79XX
Description  Negative Voltage Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SE79XX Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SE79XX_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SE79XX_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SE79XX_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SE79XX_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Elektronische Bauelemente
SE79xx-B Series
3-Terminal
Negative Voltage Regulator
17-Oct-2010 Rev. B
Page 3 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
SE7908 ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, TJ =0~125 °C, IO=500mA, VIN= -14V, CIN=0.33μF, CO=0.1μF unless otherwise specified)
Symbol
Test Conditions
Min
Typ
Max
Unit
VIN= -14V, IO=500mA, TJ=25°C
-7.7
-8
-8.3
VO
-10.5V≦VIN≦-23V, 5mA≦IO≦1A, PD≦15W
-7.6
-8
-8.4
V
-10.5V≦VIN≦-25V, TJ=25°C
-
12.5
160
V
O (Line Regulation)
-11V≦VIN≦-17V, TJ=25°C
-
4
80
mV
5mA≦IO≦1.5A, TJ=25°C
-
15
160
V
O (Load Regulation)
250mA≦IO≦750mA, TJ=25°C
-
5
80
mV
IQ
TJ=25°C
-
1.5
2
mA
5mA≦IO≦1A
-
-
0.5
I
Q
-10.5V≦VIN≦-25V
-
-
1
mA
VN
10Hz≦f≦100KHz, TJ=25°C
-
200
-
μV
RR
-11.5V≦VIN≦-21.5V, f=120Hz
54
60
-
dB
VD
Io=1A, TJ=25°C
-
1.1
-
V
Ipk
TJ=25°C
-
2.1
-
A
V
O / Tj
IO=5mA
-
-0.6
-
mV / °C
SE7912 ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, TJ =0~125 °C, IO=500mA, VIN= -19V, CIN=0.33μF, CO=0.1μF unless otherwise specified)
Symbol
Test Conditions
Min
Typ
Max
Unit
VIN= -19V, IO=500mA, TJ=25°C
-11.5
-12
-12.5
VO
-14.5V≦VIN≦-27V, 5mA≦IO≦1A, PD≦15W
-11.4
-12
-12.6
V
-14.5V≦VIN≦-30V, TJ=25°C
-
5
80
V
O (Line Regulation)
-16V≦VIN≦-22V, TJ=25°C
-
3
30
mV
5mA≦IO≦1A, TJ=25°C
-
15
200
V
O (Load Regulation)
250mA≦IO≦750mA, TJ=25°C
-
5
75
mV
IQ
TJ=25°C
-
2
3
mA
5mA≦IO≦1A
-
-
0.5
I
Q
-14.5V≦VIN≦-30V, IO=500mA
-
-
0.5
mA
VN
10Hz≦f≦100KHz, TJ=25°C
-
300
-
μV
RR
-15V≦VIN≦-25V, f=120Hz
55
60
-
dB
VD
Io=1A, TJ=25°C
-
1.1
-
V
Ipk
TJ=25°C
-
2.1
-
A
V
O / Tj
IO=5mA
-
-0.8
-
mV / °C


Similar Part No. - SE79XX_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SE79XX-B SECOS-SE79XX-B Datasheet
275Kb / 4P
   3-Terminal Negative Voltage Regulator
More results

Similar Description - SE79XX_15

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT74XX HOLTEK-HT74XX Datasheet
90Kb / 7P
   Negative Voltage Regulator
logo
Silicon Standard Corp.
SS6714 SSC-SS6714 Datasheet
94Kb / 5P
   Negative Voltage Regulator
logo
Seiko Instruments Inc
S-802 SII-S-802 Datasheet
552Kb / 10P
   NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S79L12 SECOS-S79L12 Datasheet
386Kb / 2P
   Negative Voltage Regulator
logo
E-Tech Electronics LTD
GM79LXX ETL-GM79LXX Datasheet
330Kb / 5P
   NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SM79L09 SECOS-SM79L09 Datasheet
343Kb / 2P
   Negative Voltage Regulator
logo
GTM CORPORATION
GSC79LXX GTM-GSC79LXX Datasheet
345Kb / 5P
   NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S79L24 SECOS-S79L24_15 Datasheet
643Kb / 2P
   Negative Voltage Regulator
S79LXX SECOS-S79LXX_15 Datasheet
720Kb / 5P
   Negative Voltage Regulator
S79L24 SECOS-S79L24 Datasheet
643Kb / 2P
   Negative Voltage Regulator
logo
Analog Intergrations Co...
AIC1714 AIC-AIC1714 Datasheet
162Kb / 5P
   Negative Voltage Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com