Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THCS134 Datasheet(PDF) 2 Page - THine Electronics, Inc.

Part # THCS134
Description  The THCS134 provides a function to serialize
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCS134 Datasheet(HTML) 2 Page - THine Electronics, Inc.

  THCS134 Datasheet HTML 1Page - THine Electronics, Inc. THCS134 Datasheet HTML 2Page - THine Electronics, Inc. THCS134 Datasheet HTML 3Page - THine Electronics, Inc. THCS134 Datasheet HTML 4Page - THine Electronics, Inc. THCS134 Datasheet HTML 5Page - THine Electronics, Inc. THCS134 Datasheet HTML 6Page - THine Electronics, Inc. THCS134 Datasheet HTML 7Page - THine Electronics, Inc. THCS134 Datasheet HTML 8Page - THine Electronics, Inc. THCS134 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
THCS134_Rev.1.00_E
Copyright©2014 THine Electronics, Inc.
THine Electronics, Inc.
Security E
2/19
Pin Diagram
BID
1
24
SIG
FAULTN
2
23
IOP
RSTN
3
22
ION
DATA0
4
21
DATA15
DATA1
5
20
DATA14
DATA2
6
19
DATA13
DATA3
7
18
DATA12
DATA4
8
17
GND
9 10 11 12 13 14 15 16
Exposed Pad
(Top View)
33 GND EXP
Pin Description
Pin No.
Pin Name
Internal Processing
Description
1
BID
Input, Pull-down
Uni-direction/Bi-direction mode select
Low : Uni-direction High : Bi-direction
2
FAULTN
Output, Open-drain
Transmitter status error indicator
Low : Abnormal operation detected
3
RSTN
Input, Pull-down
Reset input
Low : Reset High : Normal operation
4-8
10-16
18-21
DATA0-15
Input/Output,
Pull-down
Parallel data I/O bit : 0-15
Refer to the tables of “Parallel I/O Pin Function”
9,17,30
GND
-
Ground
22
ION
Input/Output
Serial data differential mode(-) I/O
23
IOP
Input/Output
Serial data CMOS/differential mode(+) I/O
24
SIG
Input, Pull-down
Serial data I/O mode select
Low : CMOS High : Differential
25
FILT
Input, Pull-down
Digital filter enable pin
Low : OFF High : ON
26
WIDTH
Input, Pull-down
Data bit width select
Low : 8bit High : 16bit
27
VDD
-
Power Supply
28,29
NC
-
Non-connection pin. Please set it being opened.
31
TEST
Input, Pull-down
Test pin. Please connect to GND.
32
DIR
Input, Pull-down
Transmitter/receiver select
Low : Transmitter (Uni-direction) / Master (Bi-direction)
High : Receiver (Uni-direction) / Slave (Bi-direction)
33
GND EXP
-
GND EXP should be soldered to GND.


Similar Part No. - THCS134

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THCS134 THINE-THCS134_15 Datasheet
737Kb / 20P
   I/OSpreader TSSOP28
More results

Similar Description - THCS134

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM21212-1 NSC-LM21212-1 Datasheet
1Mb / 10P
   evaluation board provides a solution to examine the high efficiency
LM21212-2 NSC-LM21212-2 Datasheet
1Mb / 10P
   Evaluation Board provides a solution to examine the high efficiency
LM21215 NSC-LM21215 Datasheet
1Mb / 10P
   Evaluation Board provides a solution to examine the high efficiency
logo
Gamewell-FCI by Honeywe...
FPT-XSTAND GAMEWELL-FCI-FPT-XSTAND Datasheet
72Kb / 2P
   Provides the following
logo
Unisonic Technologies
U74LVC2G02 UTC-U74LVC2G02 Datasheet
165Kb / 5P
   The UTC U74LVC2G02 is a dual 2-input positive-NOR gate which provides the function Y=AB or Y=AB .
logo
Littelfuse
P0080SALRP LITTELFUSE-P0080SALRP Datasheet
140Kb / 5P
   The series provides a surface mount solution that enables equipment to comply
logo
Silicon Laboratories
UPIO-M3U1XX SILABS-UPIO-M3U1XX Datasheet
768Kb / 28P
   The Unified Development Platform (UDP) provides a development
logo
PHOENIX CONTACT
2200163 PHOENIX-2200163 Datasheet
43Kb / 2P
   Mounting close to the edge provides wiring advantages
logo
TEXAS ADVANCED OPTOELEC...
LMK61E2EVM TAOS-LMK61E2EVM Datasheet
1Mb / 27P
   evaluation module provides a complete evaluation platform to evaluate the clock performance
logo
Maxim Integrated Produc...
DS2485EVKIT MAXIM-DS2485EVKIT Datasheet
3Mb / 7P
   Provides the Ability to Exercise All Functional Commands
Rev 0; 5/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com