Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF37A75IDSGR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TRF37A75IDSGR
Description  Gain Versions: 12 dB
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF37A75IDSGR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TRF37A75IDSGR Datasheet HTML 3Page - Texas Instruments TRF37A75IDSGR Datasheet HTML 4Page - Texas Instruments TRF37A75IDSGR Datasheet HTML 5Page - Texas Instruments TRF37A75IDSGR Datasheet HTML 6Page - Texas Instruments TRF37A75IDSGR Datasheet HTML 7Page - Texas Instruments TRF37A75IDSGR Datasheet HTML 8Page - Texas Instruments TRF37A75IDSGR Datasheet HTML 9Page - Texas Instruments TRF37A75IDSGR Datasheet HTML 10Page - Texas Instruments TRF37A75IDSGR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
75
78
81
84
87
90
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
4.5
4.75
5
5.25
C013
75
78
81
84
87
90
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
±40ƒC
25
ƒC
85
ƒC
C014
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
4.5
4.75
5
5.25
C010
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
-40
25
85
C011
15
17
19
21
23
25
27
29
31
33
35
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
4.5
4.75
5
5.25
C004
15
17
19
21
23
25
27
29
31
33
35
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
-40
25
85
C005
TRF37A75
www.ti.com
SLOS871 – MAY 2014
Typical Characteristics (continued)
VCC curves
Temp = 25°C
Pin = –10 dBm/tone
Temp curves
VCC = 5 V
Pin = –10 dBm/tone
Figure 7. OIP3 vs Frequency
Figure 8. OIP3 vs Frequency
VCC curves
Temp = 25°C
Temp curves
VCC = 5 V
Figure 9. NF vs Frequency
Figure 10. NF vs Frequency
VCC curves
Temp = 25°C
Temp curves
VCC = 5 V
Figure 11. ICC vs Frequency
Figure 12. ICC vs Frequency
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TRF37A75


Similar Part No. - TRF37A75IDSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF37A73 TI-TRF37A73 Datasheet
937Kb / 20P
[Old version datasheet]   TRF37A73 1-6000 MHz RF Gain Block
TRF37A73 TI1-TRF37A73 Datasheet
976Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
TRF37A73IDSGR TI1-TRF37A73IDSGR Datasheet
976Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
TRF37A73IDSGT TI1-TRF37A73IDSGT Datasheet
976Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
TRF37A73 TI-TRF37A73_15 Datasheet
937Kb / 20P
[Old version datasheet]   TRF37A73 1-6000 MHz RF Gain Block
More results

Similar Description - TRF37A75IDSGR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AM-153 MA-COM-AM-153 Datasheet
64Kb / 2P
   Low Noise Amplifier, 12 dB Gain
AM-153 MA-COM-AM-153_15 Datasheet
411Kb / 3P
   Low Noise Amplifier, 12 dB Gain
logo
NXP Semiconductors
BGA3012 PHILIPS-BGA3012 Datasheet
151Kb / 15P
   1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
BGA3012 NXP-BGA3012 Datasheet
151Kb / 15P
   1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
logo
Pasternack Enterprises,...
PE15A1028 PASTERNACK-PE15A1028 Datasheet
520Kb / 5P
   40 dB Gain, 0.7 dB NF, 12 dBm P1dB, 1.2 GHz
logo
NXP Semiconductors
BGA3012 PHILIPS-BGA3012_15 Datasheet
151Kb / 15P
   1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
logo
Tyco Electronics
AM-AMC-142 MACOM-AM-AMC-142 Datasheet
221Kb / 3P
   Low Noise Amplifier, 12 dB Gain, 200 - 1000 MHz
AM-153 MACOM-AM-153 Datasheet
216Kb / 2P
   Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
logo
M/A-COM Technology Solu...
AM-153 MA-COM-AM-153 Datasheet
64Kb / 2P
   Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
logo
Tyco Electronics
AM-177 MACOM-AM-177 Datasheet
193Kb / 2P
   Cascadable Thin Film Amplifier, 12 dB Gain, 10 - 1000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com