Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPL5110 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPL5110
Description  Supply Voltage from 1.8V to 5.5V
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPL5110 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPL5110 Datasheet HTML 5Page - Texas Instruments TPL5110 Datasheet HTML 6Page - Texas Instruments TPL5110 Datasheet HTML 7Page - Texas Instruments TPL5110 Datasheet HTML 8Page - Texas Instruments TPL5110 Datasheet HTML 9Page - Texas Instruments TPL5110 Datasheet HTML 10Page - Texas Instruments TPL5110 Datasheet HTML 11Page - Texas Instruments TPL5110 Datasheet HTML 12Page - Texas Instruments TPL5110 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
DRV
DONE
EN/
ONE_SHOT
DELAY/
M_DRV
ttIPt
POR
RESISTANCE
READING
DRV
DONE
EN/
ONE_SHOT
DELAY/
M_DRV
ttIPt
POR
RESISTANCE
READING
ttIPt
ttDRVt
MISSED
DONE
FORCED
DRV RISING
TPL5110
www.ti.com
SNAS650 – JANUARY 2015 – REVISED JANUARY 2015
8.4 Device Functional Modes
8.4.1 Startup
During startup, after POR, the TPL5110 executes a one-time measurement of the resistance attached to the
DELAY/M_DRV pin in order to determine the desired time interval for DRV. This measurement interval is tR_EXT.
During this measurement a constant current is temporarily flowing into REXT.
Once the reading of the external resistance is completed the TPL5110 enters automatically in one of the 2
modes according to the EN/ONE_SHOT value.The EN/ONE_SHOT pin needs to be hard wired to GND or VDD
according to the required mode of operation.
Figure 8. Startup - Timer mode
8.4.2 Timer Mode
During timer mode (EN/ONE_SHOT = HIGH), the TPL5110 asserts periodic DRV pulses according to the
programmed time interval. The length of the DRV pulses is set by the receiving of a DONE pulse from the uC.
See Figure 8.
8.4.3 One Shot Mode
During One shot mode (EN/ONE_SHOT = LOW), the TPL5110 generates just one pulse at the DRV pin which
lasts according to the programmed time interval. In one-shot mode, other DRV pulses can be triggered using the
DELAY/M_DRV pin. If a valid manual power ON occurs when EN/ONE_SHOT is LOW, the TPL5110 generates
just one pulse at the DRV pin. The duration of the pulse is set by the programmed time interval. Also in this case,
if a DONE signal is received within the programmed time interval (minus 50ms), the MOSFET connected to the
DRV pin is turned off. See Figure 9 and Figure 10.
Figure 9. Startup One Shot Mode, (DONE received within tIP)
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPL5110


Similar Part No. - TPL5110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL5110 TI1-TPL5110 Datasheet
933Kb / 26P
[Old version datasheet]   TPL5110 Nano-power System Timer for Power Gating
TPL5110-Q1 TI1-TPL5110-Q1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
TPL5110-Q1 TI1-TPL5110-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer for Power Gating
TPL5110DDCR TI1-TPL5110DDCR Datasheet
933Kb / 26P
[Old version datasheet]   TPL5110 Nano-power System Timer for Power Gating
TPL5110DDCT TI1-TPL5110DDCT Datasheet
933Kb / 26P
[Old version datasheet]   TPL5110 Nano-power System Timer for Power Gating
More results

Similar Description - TPL5110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL5010 TI1-TPL5010 Datasheet
935Kb / 25P
[Old version datasheet]   Supply Voltage from 1.8V to 5.5V
logo
Maxim Integrated Produc...
MAX44265EVKIT MAXIM-MAX44265EVKIT Datasheet
849Kb / 7P
   1.8V to 5.5V Supply Voltage Range
19-5782; Rev 0; 3/11
MAX44264EVKIT MAXIM-MAX44264EVKIT Datasheet
844Kb / 7P
   1.8V to 5.5V Single-Supply Operation
19-5757; Rev 0; 2/11
MAX9017AEVKIT MAXIM-MAX9017AEVKIT Datasheet
602Kb / 7P
   1.8V to 5.5V Supply Voltage Range Across VDD and VSS
Rev 0; 11/17
MAX15050EVKIT MAXIM-MAX15050EVKIT Datasheet
676Kb / 6P
   Operates from 2.9V to 5.5V Input Supply
Rev 0; 5/10
MAX15038EVKIT MAXIM-MAX15038EVKIT Datasheet
234Kb / 8P
   Operates from 2.9V to 5.5V Input Supply
Rev 1; 5/10
logo
Rohm
BR25XX0-10XU-1.8 ROHM-BR25XX0-10XU-1.8 Datasheet
347Kb / 6P
   Supply voltage 1.8V~5.5V/Operating temperature -40C~85C type
BR95XX0-RXX6TP ROHM-BR95XX0-RXX6TP Datasheet
320Kb / 6P
   Supply voltage 1.8V~5.5V/Operating temperature -40C~85C type
BR24CXX-10XU-1.8 ROHM-BR24CXX-10XU-1.8 Datasheet
309Kb / 6P
   Supply voltage 1.8V~5.5V/Operating temperature -40C~85C type
BR93CXX-10XU-1.8 ROHM-BR93CXX-10XU-1.8 Datasheet
283Kb / 6P
   Supply voltage 1.8V~5.5V/Operating temperature -40C~85C type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com