Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM186X Datasheet(PDF) 9 Page - Texas Instruments

Part # PCM186X
Description  Home Theater and TV
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM186X Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM186X Datasheet HTML 5Page - Texas Instruments PCM186X Datasheet HTML 6Page - Texas Instruments PCM186X Datasheet HTML 7Page - Texas Instruments PCM186X Datasheet HTML 8Page - Texas Instruments PCM186X Datasheet HTML 9Page - Texas Instruments PCM186X Datasheet HTML 10Page - Texas Instruments PCM186X Datasheet HTML 11Page - Texas Instruments PCM186X Datasheet HTML 12Page - Texas Instruments PCM186X Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 115 page
background image
PCM1860, PCM1862, PCM1864, PCM1864-Q1
www.ti.com
SLASE55A – NOVEMBER 2014 – REVISED DECEMBER 2014
8.5 Electrical Characteristics, DC
all specifications at TA = 25°C, AVDD = 3.3V, DVDD = 3.3V, IOVDD = 3.3V, Master Mode, Single Speed Mode, fS = 48kHz,
system clock = 256×fS, 24-bit data (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power
3.3V AVDD Current
2 ch 48 kHz, XTAL Master Mode
16
mA
3.3V AVDD Current
4 ch, 48 kHz, Slave mode
31
mA
3.3V DVDD Current
2 ch 48 kHz, XTAL Master Mode
10
µA
3.3V DVDD Current
4 ch 48 kHz, XTAL Master Mode
10
µA
1.8V DVDD Current
DVDD=1.8 V, 2 ch, 48k Hz, XTAL
10
µA
Valid with recommended values on
PSRR
80
dB
Analog Rails (AVDD, VREF etc)
48 kHz 2 ch Active 3.3 V source for
Power Consumption
80
mW
all
48 kHz Sleep (Energysense) 3.3 V
Power Consumption
24
mW
source for all
Power Consumption
48 kHz Standby 3.3 V source for all
0.59
mW
48 kHz 4ch Active 3.3 V source for
Power Consumption
145
mW
all
2 ch 48 kHz with XTAL - Sleep
3.3V AVDD Current
2.7
mA
Mode
2 ch 48 kHz with XTAL - Standby
3.3V AVDD Current
17.1
mA
Mode
2 ch 48 kHz with XTAL - Powerdown
3.3V AVDD Current
1.2
mA
Mode
3.3 V DVDD 2 ch Mode, 48 kHz,
3.3V DVDD Current
353
µA
Master Mode - Sleep Mode
3.3 V DVDD 2 ch Mode, 48 kHz,
3.3V DVDD Current
353
µA
Master Mode - Standby Mode
3.3 V DVDD 2 ch Mode, 48 kHz,
3.3V DVDD Current
353
µA
master mode - Powerdown
DVDD=1.8 V, 2 ch, 48 kHz, XTAL.-
1.8V DVDD Current
384
µA
Sleep Mode
DVDD=1.8 V, 2 ch, 48 kHz, XTAL.-
1.8V DVDD Current
384
µA
Powerdown
DVDD=1.8 V, 2 ch, 48 kHz, XTAL.
1.8V DVDD Current
384
µA
Powerdown
Power Consumption (3.3V AVDD, 1.8V
48 kHz 2 ch Active 3.3 V analog, 1.8
68
mW
DVDD)
V digital
Power Consumption (3.3V AVDD, 1.8V
48 kHz 4 ch Active 3.3 V analog, 1.8
128
mW
DVDD)
V digital
3.3V AVDD Current
4 ch, 48 kHz, Master mode
31
mA
Mic Bias
Mic Bias Noise
5
µVRMS
Mic Bias Current Capability
4
mA
Mic Bias Voltage
2.6
V
Digital IO
VOH
Output Logic "High" Voltage Level
IOH = 2 mA
75
%IOVDD
VOL
Output Logic "Low" Voltage Level
IOL = –2mA
25
%IOVDD
|IIH|1
Input Logic "High" Current Level
All digital pins
10
µA
|IIL|1
Input Logic "Low" Current Level
All digital pins
–10
µA
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: PCM1860 PCM1862 PCM1864 PCM1864-Q1


Similar Part No. - PCM186X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM186X-Q1 TI1-PCM186X-Q1 Datasheet
2Mb / 141P
[Old version datasheet]   Automotive, 4-Channel or 2-Channel, 192-kHz, Audio ADCs
More results

Similar Description - PCM186X

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
HT850UPS TRIPPLITE-HT850UPS Datasheet
518Kb / 5P
   Home Theater Ultra-compact Line-Interactive 120V
logo
List of Unclassifed Man...
HT850UPS ETC2-HT850UPS Datasheet
520Kb / 6P
   Home Theater Ultra-compact Line-Interactive 120V UPS with USB port
logo
Princeton Technology Co...
PT2315E PTC-PT2315E Datasheet
173Kb / 5P
   Stereo Audio Processor for Home TV Audio
PT2314E PTC-PT2314E_10 Datasheet
177Kb / 5P
   Stereo Audio Processor for Home/TV Audio
PT2314E PTC-PT2314E Datasheet
177Kb / 5P
   Stereo Audio Processor for Home/TV Audio
PT2315E PTC-PT2315E_10 Datasheet
172Kb / 5P
   Stereo Audio Processor for Home TV Audio
logo
Silicon Laboratories
EZR32LG230 SILABS-EZR32LG230 Datasheet
1Mb / 87P
   Building and home automation
EZR32LG330 SILABS-EZR32LG330 Datasheet
1Mb / 87P
   Building and home automation
EZR32WG230 SILABS-EZR32WG230 Datasheet
1Mb / 87P
   Building and home automation
EZR32WG330 SILABS-EZR32WG330 Datasheet
1Mb / 87P
   Building and home automation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com