Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH2110 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMH2110
Description  Logarithmic Root Mean Square Response
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH2110 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMH2110 Datasheet HTML 2Page - Texas Instruments LMH2110 Datasheet HTML 3Page - Texas Instruments LMH2110 Datasheet HTML 4Page - Texas Instruments LMH2110 Datasheet HTML 5Page - Texas Instruments LMH2110 Datasheet HTML 6Page - Texas Instruments LMH2110 Datasheet HTML 7Page - Texas Instruments LMH2110 Datasheet HTML 8Page - Texas Instruments LMH2110 Datasheet HTML 9Page - Texas Instruments LMH2110 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
OUT
GND
RFIN
VDD
A1
A2
B1
B2
C1
C2
GND
EN
LMH2110
SNWS022C – JANUARY 2010 – REVISED MARCH 2013
www.ti.com
CONNECTION DIAGRAM
Figure 1. 6-Bump DSBGA
Top View
Table 1. PIN DESCRIPTIONS
DSBGA
Name
Description
Power Supply
A1
VDD
Positive Supply Voltage.
C1
GND
Power Ground.
B2
GND
Power Ground. May be left floating in case grounding is not feasible.
Logic Input
C2
EN
The device is enabled for EN = High, and in shutdown mode for EN = Low. EN
should be <2.5V for having low IEN. For EN >2.5V, IEN increases slightly, while
device is still functional. Absolute maximum rating for EN = 3.6V.
Analog Input
B1
RFIN
RF input signal to the detector, internally terminated with 50
Ω.
Output
A2
OUT
Ground referenced detector output voltage.
6
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMH2110


Similar Part No. - LMH2110

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH2110 NSC-LMH2110 Datasheet
161Kb / 4P
   8 GHz Logarithmic RMS Power Detector with 45 dB Dynamic Range
LMH2110 NSC-LMH2110 Datasheet
1Mb / 6P
   evaluation board is designed to help the evaluation
logo
Texas Instruments
LMH2110 TI1-LMH2110 Datasheet
1Mb / 36P
[Old version datasheet]   8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
logo
National Semiconductor ...
LMH2110TM NSC-LMH2110TM Datasheet
161Kb / 4P
   8 GHz Logarithmic RMS Power Detector with 45 dB Dynamic Range
logo
Texas Instruments
LMH2110TM/NOPB TI1-LMH2110TM/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
More results

Similar Description - LMH2110

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
DFPSQRT DCD-DFPSQRT Datasheet
128Kb / 3P
   Floating Point Pipelined Square Root Unit
logo
National Semiconductor ...
LMV232 NSC-LMV232 Datasheet
779Kb / 13P
   Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
logo
Texas Instruments
LMV232 TI-LMV232_15 Datasheet
1Mb / 20P
[Old version datasheet]   LMV232 Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
LMV232 TI1-LMV232_16 Datasheet
1Mb / 20P
[Old version datasheet]   LMV232 Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
logo
NTE Electronics
NTE1503 NTE-NTE1503 Datasheet
20Kb / 2P
   Integrated Circuit 5-Step LED Driver Circuit for Logarithmic Response
logo
Fuji Electric
EDS9-4E FUJI-EDS9-4E Datasheet
140Kb / 3P
   FC SERIES ROOT EXTRACTOR
logo
Aeroflex Circuit Techno...
PSC-4536-4 AEROFLEX-PSC-4536-4 Datasheet
93Kb / 2P
   SURFACE MOUNT 70 MHZ SQUARE ROOT RAISED COSINE FILTER WITH .160 INCH HEIGHT
logo
KR Electronics, Inc.
2388 KR-2388 Datasheet
38Kb / 3P
   Root Raised Cosine Filter
logo
Analog Devices
ADL5308 AD-ADL5308 Datasheet
1Mb / 22P
   Fast Response 188 dB Range (10 pA to 25 mA) Logarithmic Converter
Rev. 0
logo
Omron Electronics LLC
CS1G-CPU44H OMRON-CS1G-CPU44H Datasheet
6Mb / 27P
   CS1 CPUs Mean Ultimate Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com