Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC39J82 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC39J82
Description  Resolution: 16-Bit
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC39J82 Datasheet(HTML) 1 Page - Texas Instruments

  DAC39J82 Datasheet HTML 1Page - Texas Instruments DAC39J82 Datasheet HTML 2Page - Texas Instruments DAC39J82 Datasheet HTML 3Page - Texas Instruments DAC39J82 Datasheet HTML 4Page - Texas Instruments DAC39J82 Datasheet HTML 5Page - Texas Instruments DAC39J82 Datasheet HTML 6Page - Texas Instruments DAC39J82 Datasheet HTML 7Page - Texas Instruments DAC39J82 Datasheet HTML 8Page - Texas Instruments DAC39J82 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 144 page
background image
DAC39J82
16-bit DAC
16-bit DAC
xN
xN
RF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DAC39J82
SLASE47 – JANUARY 2015
DAC39J82 Dual-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter
with 12.5 Gbps JESD204B Interface
1 Features
3 Description
The DAC39J82 is a very low power, 16-bit, dual-
1
Resolution: 16-Bit
channel, 2.8 GSPS digital to analog converter (DAC)
Maximum Sample Rate: 2.8GSPS
with JESD204B interface. The maximum input data
Maximum Input Data Rate: 1.4GSPS
rate is 1.4 GSPS.
JESD204B Interface
Digital data is input to the device through 1, 2, 4 or 8
8 JESD204B Serial Input Lanes
configurable serial JESD204B lanes running up to
12.5
Gbps
with
on-chip
termination
and
12.5 Gbps Maximum Bit Rate per Lane
programmable equalization. The interface allows
Subclass 1 Multi-DAC synchronization
JESD204B Subclass 1 SYSREF based deterministic
On-Chip Very Low Jitter PLL
latency and full synchronization of multiple devices.
Selectable 1x -16x Interpolation
The device includes features that simplify the design
Independent Complex Mixers with 48-bit NCO/ or
of complex transmit architectures. Fully bypassable
±n×Fs/8
2x to 16x digital interpolation filters with over 90 dB of
stop-band attenuation simplify the data interface and
Wideband Digital Quadrature Modulator
reconstruction filters. An on-chip 48-bit Numerically
Correction
Controlled
Oscillator
(NCO)
and
independent
Sinx/x Correction Filters
complex mixers allow flexible and accurate carrier
Fractional Sample Group Delay Correction
placement.
Flexible Routing to Four Analog Outputs via
A high-performance low jitter PLL simplifies clocking
Output Multiplexer
of the device without significant impact on the
dynamic range. The digital Quadrature Modulator
3/4-Wire Serial Control Bus (SPI)
Correction (QMC) and Group Delay Correction (QDC)
Integrated Temperature Sensor
enable complete IQ compensation for gain, offset,
JTAG Boundary Scan
phase, and group delay between channels in direct
Pin-compatible with Quad-channel DAC39J84
up-conversion applications. A programmable Power
Amplifier (PA) protection mechanism is available to
Power Dissipation: 1.1W at 2.8GSPS
provide PA protection in cases when the abnormal
Package: 10x10mm, 144-Ball Flip-Chip BGA
power behavior of the input data is detected.
DAC39J82 provides four analog outputs, and the
2 Applications
data from the internal two digital paths can be routed
Cellular Base Stations
to any two out of these four DAC outputs via the
Diversity Transmit
output multiplexer.
Wideband Communications
Device Information(1)
Direct Digital Synthesis (DDS) Instruments
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Millimeter/Microwave Backhaul
DAC39J82
FCBGA (144)
10.00 mm x 10.00 mm
Automated Test Equipment
(1) For all available packages, see the orderable addendum at
Cable Infrastructure
the end of the datasheet.
Radar
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DAC39J82

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC39J82 TI1-DAC39J82 Datasheet
3Mb / 147P
[Old version datasheet]   Digital-to-Analog Converter
DAC39J82IAAV TI1-DAC39J82IAAV Datasheet
3Mb / 147P
[Old version datasheet]   Digital-to-Analog Converter
DAC39J82IAAVR TI1-DAC39J82IAAVR Datasheet
3Mb / 147P
[Old version datasheet]   Digital-to-Analog Converter
DAC39J82 TI1-DAC39J82_16 Datasheet
3Mb / 147P
[Old version datasheet]   Digital-to-Analog Converter
More results

Similar Description - DAC39J82

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC5606E NXP-MPC5606E Datasheet
1Mb / 68P
   16-bit resolution, cascadeable counters
Rev. 3, 11/2019
logo
Analog Devices
ADDAC71 AD-ADDAC71_15 Datasheet
1Mb / 5P
   HIGH RESOLUTION 16 BIT D/A CONVERTERS
ADDAC72 AD-ADDAC72_15 Datasheet
1Mb / 5P
   HIGH RESOLUTION 16 BIT D/A CONVERTERS
ADADC71 AD-ADADC71_15 Datasheet
286Kb / 12P
   Complete, High Resolution 16-Bit A/D Converter
REV. C
ADADC71 AD-ADADC71 Datasheet
647Kb / 8P
   Complete, High Resolution 16-Bit A/D Converters
REV. A
logo
Texas Instruments
DAC56U TI1-DAC56U Datasheet
124Kb / 6P
[Old version datasheet]   Monolithic 16-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC1600 BURR-BROWN-DAC1600 Datasheet
250Kb / 6P
   MONOLITHIC 16 BIT RESOLUTION DIGITAL - TO - ANALOG CONVERTER
logo
Analog Devices
AD2S1210-10 AD-AD2S1210-10 Datasheet
544Kb / 37P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter
logo
Burr-Brown (TI)
DAC56 BURR-BROWN-DAC56 Datasheet
165Kb / 5P
   Monolithic 16-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
logo
List of Unclassifed Man...
ZSSC3036 ETC2-ZSSC3036 Datasheet
1Mb / 49P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com