Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFBF20 Datasheet(PDF) 6 Page - International Rectifier

Part # IRFBF20
Description  Power MOSFET(Vdss=900V, Rds(on)=8.0ohm, Id=1.7A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFBF20 Datasheet(HTML) 6 Page - International Rectifier

  IRFBF20 Datasheet HTML 1Page - International Rectifier IRFBF20 Datasheet HTML 2Page - International Rectifier IRFBF20 Datasheet HTML 3Page - International Rectifier IRFBF20 Datasheet HTML 4Page - International Rectifier IRFBF20 Datasheet HTML 5Page - International Rectifier IRFBF20 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image


Similar Part No. - IRFBF20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFBF20 VISHAY-IRFBF20 Datasheet
985Kb / 8P
   Power MOSFET
S-81262-Rev. A, 07-Jul-08
IRFBF20 VISHAY-IRFBF20 Datasheet
264Kb / 9P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRFBF20L IRF-IRFBF20L Datasheet
311Kb / 10P
   Power MOSFET(Vdss=900V, Rds(on)=8.0ohm, Id=1.7A)
logo
Vishay Siliconix
IRFBF20L VISHAY-IRFBF20L Datasheet
940Kb / 8P
   Power MOSFET
S-Pending-Rev. A, 23-Jun-08
IRFBF20L VISHAY-IRFBF20L Datasheet
312Kb / 11P
   Power MOSFET
01-Jan-2022
More results

Similar Description - IRFBF20

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBF20S IRF-IRFBF20S Datasheet
311Kb / 10P
   Power MOSFET(Vdss=900V, Rds(on)=8.0ohm, Id=1.7A)
IRFIBF20G IRF-IRFIBF20G Datasheet
168Kb / 6P
   Power MOSFET(Vdss=900V, Rds(on)=8.0ohm, Id=1.2A)
IRFD014 IRF-IRFD014 Datasheet
171Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=1.7A)
IRFR310 IRF-IRFR310 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=3.6ohm, Id=1.7A)
IRFIBC20G IRF-IRFIBC20G Datasheet
167Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=1.7A)
IRFPF40 IRF-IRFPF40 Datasheet
170Kb / 6P
   Power MOSFET(Vdss=900V, Rds(on)=2.5ohm, Id=4.7A)
IRFPF30 IRF-IRFPF30 Datasheet
165Kb / 6P
   Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=3.6A)
IRFPF50 IRF-IRFPF50 Datasheet
167Kb / 6P
   Power MOSFET(Vdss=900V, Rds(on)=1.6ohm, Id=6.7A)
IRFIBF30G IRF-IRFIBF30G Datasheet
167Kb / 6P
   Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=1.9A)
IRFBF30 IRF-IRFBF30 Datasheet
166Kb / 6P
   Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=3.6A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com