Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYQ-2841BX-31 Datasheet(PDF) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYQ-2841BX-31
Description  0.28Inch (7.00mm) digit height Four Digits Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYQ-2841BX-31 Datasheet(HTML) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYQ-2841BX-31 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYQ-2841BX-31 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYQ-2841BX-31 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYQ-2841BX-31 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYQ-2841BX-31 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Model No.
Rev.
NINGBO FORYARD OPTOELECTRONICS CO.,LTD
Add:NO.115 Qixin Road Ningbo Zhejiang China
Zip:315051
Tel: 0086-574-87933652 87927870 87922206
Fax: 0086-574-87927917
E-mail:Sales@foryard.com
( General)
Http://www.foryard.com
Page: 1/5
PREPARED BY
Http://www.foryard.com
APPROVED BY
CHECKED BY
FYQ-2841A/BX-XX
A
CUSTOMER APPROVED
SIGNATURES
■0.28Inch (7.00mm) digit height Four Digits Display
PRODUCT SPECIFICATION
Model No.:
:FYQ-2841A/BX-XX
Descriptions & Features:
■Case mold type.
■Easy mounting on P.C. board or socket.
■RoHS compliant.
■Low current operation
■Low power consumption.


Similar Part No. - FYQ-2841BX-31

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYQ-2841CX-00 FORYARD-FYQ-2841CX-00 Datasheet
426Kb / 5P
   0.28Inch (7.00mm) digit height Four Digits Display
FYQ-2841CX-01 FORYARD-FYQ-2841CX-01 Datasheet
426Kb / 5P
   0.28Inch (7.00mm) digit height Four Digits Display
FYQ-2841CX-02 FORYARD-FYQ-2841CX-02 Datasheet
426Kb / 5P
   0.28Inch (7.00mm) digit height Four Digits Display
FYQ-2841CX-03 FORYARD-FYQ-2841CX-03 Datasheet
426Kb / 5P
   0.28Inch (7.00mm) digit height Four Digits Display
FYQ-2841CX-04 FORYARD-FYQ-2841CX-04 Datasheet
426Kb / 5P
   0.28Inch (7.00mm) digit height Four Digits Display
More results

Similar Description - FYQ-2841BX-31

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYQ-2841IX-00 FORYARD-FYQ-2841IX-00 Datasheet
423Kb / 5P
   0.28Inch (7.00mm) digit height Four Digits Display
FYQ-2841OX-00 FORYARD-FYQ-2841OX-00 Datasheet
424Kb / 5P
   0.28Inch (7.00mm) digit height Four Digits Display
FYQ-2841KX-00 FORYARD-FYQ-2841KX-00 Datasheet
418Kb / 5P
   0.28Inch (7.00mm) digit height Four Digits Display
FYQ-2841MX-00 FORYARD-FYQ-2841MX-00 Datasheet
422Kb / 5P
   0.28Inch (7.00mm) digit height Four Digits Display
FYQ-2841GX-00 FORYARD-FYQ-2841GX-00 Datasheet
418Kb / 5P
   0.28Inch (7.00mm) digit height Four Digits Display
FYQ-2841CX-00 FORYARD-FYQ-2841CX-00 Datasheet
426Kb / 5P
   0.28Inch (7.00mm) digit height Four Digits Display
FYD-2821AX-00 FORYARD-FYD-2821AX-00 Datasheet
368Kb / 5P
   0.28Inch (7.00mm) digit height Double Digits Display
logo
List of Unclassifed Man...
QBQ28IB1 ETC1-QBQ28IB1 Datasheet
303Kb / 5P
   0.28inch Four Digit Display
logo
Kingbright Corporation
CC28-11EWA KINGBRIGHT-CC28-11EWA Datasheet
90Kb / 1P
   7mm (0.28INCH) FOUR DIGIT NUMERIC DISPLAY
logo
Ningbo Foryard Optoelec...
FYT-2831AX-00 FORYARD-FYT-2831AX-00 Datasheet
430Kb / 5P
   0.28 Inch (7.00mm) digit height Three Digits Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com