Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYD-5621PX-31 Datasheet(PDF) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYD-5621PX-31
Description  0.56Inch (14.20mm) digit height Double Digits Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYD-5621PX-31 Datasheet(HTML) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYD-5621PX-31 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYD-5621PX-31 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYD-5621PX-31 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYD-5621PX-31 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYD-5621PX-31 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Model No.
Rev.
Min
5
-40
-40
■ Electrical-Optical Characteristics
Color Code & Chip Characteristics:(Test Condition:IF=20mA)
Typ
H
Red
90nm
2.00
S
Hi Red
20nm
1.80
D
Super Red
20nm
1.90
E
Orange
35nm
1.90
A
Amber
35nm
1.90
Y
Yellow
35nm
1.90
G
Green
10nm
1.90
3.40
2.80
2.80
PG Pure Green
36nm
2.80
W
White
CCT:9500K
2.80
UHR Ultra Hi Red
20nm
1.90
UR Ultra Red
20nm
1.90
UE Ultra Orange
20nm
1.90
UA Ultra Amber
AlGaInP
20nm
1.90
2.50
UY Ultra Yellow
AlGaInP
20nm
1.90
2.50
UG Ultra Green
AlGaInP
30nm
1.90
2.50
PG Ultra Pure Green
InGaN
36nm
2.80
3.80
BG Ultra Bluish Green InGaN
36nm
2.80
3.80
30nm
2.80
30nm
2.80
UW Ultra White
CCT:9500K
2.80
Note:
1.Luminous Intensity is based on the Foryard standards.
2.Pay attention about static for InGaN
Page: 4/5
Pulse Current
Ipeak
Duty=0.1mS,1KHz
Forward Current
IF
Max
30
Power Dissipation
Symbol
GaP
2.50
Luminous
Intensity
(Iv)
Unit:mcd
625nm
GaAsP
(Ta=25℃)
GaAsP
GaP
2.50
2.50
+85
Operating Temperature
Dice
Material
14~20
1
570nm
2.50
590nm
26~38
mA
150
13~18
14~18
15~20
13~18
2.50
0.7~1(mw)
60~120
20-30
6~12(mw)
3.80
80~90~120
3.80
Http://www.foryard.com
260~310
InGaN
3.80
2.50
B
Blue
InGaN
570nm
Ultra brightness
430nm
6~12(mw)
80~90~120
505nm
Ultra Blue
InGaN
X=0.29,Y=0.30
InGaN
UB
InGaN
X=0.29,Y=0.30
AlGaInP
640nm
30~60
520nm
Segment-to-Segment Luminous Intensity ratio(Iv-M)
1.5:1
Peak Wave
Length(λP)
Spectral
Line
halfwidth(∆
λ1/2)
mA
mW
Tstr
40~100~150
2.50
Storage Temperature
Emitting Color
+85
AlGaAs/DH
650nm
GaAsP
635nm
2.50
520nm
610nm
3.80
AlGaInP
180~200
3.80
460nm
3.80
470nm
625nm
2.50
590nm
AlGaInP
2.50
Standard brightness
Forward
Voltage(VF) Unit:V
Max
(Ta=25℃)
610nm
AlGaAs/SH
260~310
60~100
50~140~190
30~60~80
Reverse Voltage
VR
IR=30
Topr
3.80
4.40
460nm
4~6(mw)
470nm
60nm
660nm
700nm
100
V
Pd
FYD-5621O/PX-XX
A
Unit
Test Condition
Parameter
Value
■ Absolute maximum ratings
Model No.:
:FYD-5621O/PX-XX


Similar Part No. - FYD-5621PX-31

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYD-5621PX-3 FORYARD-FYD-5621PX-3 Datasheet
335Kb / 4P
   LED DIGIT DISPLAY
More results

Similar Description - FYD-5621PX-31

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYD-5621CX-00 FORYARD-FYD-5621CX-00 Datasheet
361Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
FYD-5621EX-00 FORYARD-FYD-5621EX-00 Datasheet
357Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
FYD-5621IX-00 FORYARD-FYD-5621IX-00 Datasheet
363Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
FYD-5621KX-00 FORYARD-FYD-5621KX-00 Datasheet
358Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
FYD-5623CX-00 FORYARD-FYD-5623CX-00 Datasheet
364Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
FYD-5621AX-00 FORYARD-FYD-5621AX-00 Datasheet
363Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
FYD-5622CX-00 FORYARD-FYD-5622CX-00 Datasheet
399Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
FYD-5623AX-00 FORYARD-FYD-5623AX-00 Datasheet
364Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
FYD-5622AX-00 FORYARD-FYD-5622AX-00 Datasheet
399Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
FYD-5622EX-00 FORYARD-FYD-5622EX-00 Datasheet
397Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
FYD-5621GX-00 FORYARD-FYD-5621GX-00 Datasheet
363Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com