Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYE-500CZX-03 Datasheet(PDF) 5 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYE-500CZX-03
Description  5.00 Inch (127.00mm) digit height Single Digit Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYE-500CZX-03 Datasheet(HTML) 5 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYE-500CZX-03 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYE-500CZX-03 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYE-500CZX-03 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYE-500CZX-03 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYE-500CZX-03 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Model No.
Rev.
■ Packing Diagram
Note: The specifications are subject to change without notice. Please contact us for updated information.
Page
5/5
Http://www.foryard.com
FYE-500CZX-XX
A
Model No.
:FYE-500CZX-XX
FORYARD
O P T O E L E C T R O N I C S
www.foryard.com
FORYARD
O P T O E L E C T R O N I C S
LED
LED
LED
LED
PN:FYS-500XZX-XX
Qty: 96 PCS
Date:xxxx/xx/xx
GW: 23KG
NW: 25KG
xxxxxxxxxx
RoHS
RoHS
RoHS
RoHS
ATTENTION
ATTENTION
ATTENTION
ATTENTION
Part NO: FYE-500XZX-XX
Date:xxxx/xx/xx
Q'TY: 6 PCS
2PCS/Foam
3Foams/Bag
4Bags/Box
4Boxes/Carton
OUTSIDE LABEL
QC: QC
PASS
FORYARD
QC:
QC
PASS
xxxxxxxxxx
56.0
36
.0
31
.0
54.0
17
.0
14
.5
RoHS
RoHS
RoHS
RoHS
OUTSIDE LABEL


Similar Part No. - FYE-500CZX-03

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYE-500AZX-00 FORYARD-FYE-500AZX-00 Datasheet
406Kb / 5P
   5.00 Inch (127.00mm) digit height Single Digit Display
FYE-500BZX-00 FORYARD-FYE-500BZX-00 Datasheet
407Kb / 5P
   5.00 Inch (127.00mm) digit height Single Digit Display
FYE-500XZX FORYARD-FYE-500XZX Datasheet
349Kb / 4P
   LED DIGIT DISPLAY
FYE-500XZX FORYARD-FYE-500XZX Datasheet
272Kb / 5P
   LED DIGIT DISPLAY
FYE-500XZX-0 FORYARD-FYE-500XZX-0 Datasheet
349Kb / 4P
   LED DIGIT DISPLAY
More results

Similar Description - FYE-500CZX-03

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYE-500AZX-00 FORYARD-FYE-500AZX-00 Datasheet
406Kb / 5P
   5.00 Inch (127.00mm) digit height Single Digit Display
FYE-500BZX-00 FORYARD-FYE-500BZX-00 Datasheet
407Kb / 5P
   5.00 Inch (127.00mm) digit height Single Digit Display
logo
BRIGHT LED ELECTRONICS ...
BS-AG06RD BRIGHT-BS-AG06RD Datasheet
88Kb / 1P
   5.00(127.00mm) single digit led display
logo
Ningbo Foryard Optoelec...
FYS-50011CX-00 FORYARD-FYS-50011CX-00 Datasheet
451Kb / 5P
   5.00 Inch (126.50mm) digit height Single Digit Display
FYS-50011AX-00 FORYARD-FYS-50011AX-00 Datasheet
464Kb / 5P
   5.00 Inch (126.50mm) digit height Single Digit Display
logo
BRIGHT LED ELECTRONICS ...
BS-AG22RD BRIGHT-BS-AG22RD Datasheet
220Kb / 3P
   127.00mm(5.00) high single digit segment display
logo
Ningbo Foryard Optoelec...
FYS-50011EX-00 FORYARD-FYS-50011EX-00 Datasheet
472Kb / 5P
   5.00 Inch (126.50mm) digit height Single Digit Display
logo
BRIGHT LED ELECTRONICS ...
BS-AG26RD BRIGHT-BS-AG26RD Datasheet
220Kb / 3P
   127.00mm(5.00) high single digit segment display
BS-AG25RD BRIGHT-BS-AG25RD Datasheet
214Kb / 3P
   127.00mm(5.00) high single digit segment display
BS-CG2FRD BRIGHT-BS-CG2FRD Datasheet
223Kb / 3P
   127.00mm(5.00) high single digit segment display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com