Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F35L23KFE Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R5F35L23KFE
Description  RENESAS MCU
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F35L23KFE Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R5F35L23KFE Datasheet HTML 5Page - Renesas Technology Corp R5F35L23KFE Datasheet HTML 6Page - Renesas Technology Corp R5F35L23KFE Datasheet HTML 7Page - Renesas Technology Corp R5F35L23KFE Datasheet HTML 8Page - Renesas Technology Corp R5F35L23KFE Datasheet HTML 9Page - Renesas Technology Corp R5F35L23KFE Datasheet HTML 10Page - Renesas Technology Corp R5F35L23KFE Datasheet HTML 11Page - Renesas Technology Corp R5F35L23KFE Datasheet HTML 12Page - Renesas Technology Corp R5F35L23KFE Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 116 page
background image
R01DS0035EJ0110 Rev.1.10
Page 9 of 112
Sep 01, 2011
M16C/5L Group, M16C/56 Group
1. Overview
Figure 1.4
64-Pin Block Diagram
Port P0
Port P1
Port P2
Port P3
4
3
8
4
Peripherals
Timer (16 bits)
Output (timer A): 5
Input (timer B): 3
Three-phase motor control
circuit
Timer S
(Input capture/output compare)
Time measurement: 8 channels
Waveform generating: 8 channels
A/D converter
(10 bits x 16 channels)
UART/clock synchronous
serial interface
(4 channels)
Multi-master I2C-bus
(1 channel)
Clock generator
XIN-XOUT
XCIN-XCOUT
40 MHz on-chip oscillator
125 kHz on-chip oscillator
PLL frequency synthesizer
CAN module
(32-slot message buffer,
1 channel)
(M16C/5L Group only)
Watchdog timer (15 bits,
the dedicated 125 kHz on-chip
oscillator for the watchdog timer)
CRC calculator
(CCITT, CRC-16)
DMAC
(4 channels)
M16C/60 Series CPU core
R3
FB
SB
INTB
USP
ISP
PC
FLG
R0H
R0L
R1H
R1L
R2
R3
A0
A1
FB
Memory
ROM (1)
RAM (2)
Multiplier
Notes:
1. ROM size depends on MCU type.
2. RAM size depends on MCU type.
I/O ports
Task monitoring timer
(1 channel)
Real-time clock
Power-on reset
Voltage detector
On-chip debugger


Similar Part No. - R5F35L23KFE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F35L23KFE RENESAS-R5F35L23KFE Datasheet
1Mb / 117P
   RENESAS MCU
More results

Similar Description - R5F35L23KFE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com