Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFBA1405P Datasheet(PDF) 2 Page - International Rectifier

Part # IRFBA1405P
Description  Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFBA1405P Datasheet(HTML) 2 Page - International Rectifier

  IRFBA1405P Datasheet HTML 1Page - International Rectifier IRFBA1405P Datasheet HTML 2Page - International Rectifier IRFBA1405P Datasheet HTML 3Page - International Rectifier IRFBA1405P Datasheet HTML 4Page - International Rectifier IRFBA1405P Datasheet HTML 5Page - International Rectifier IRFBA1405P Datasheet HTML 6Page - International Rectifier IRFBA1405P Datasheet HTML 7Page - International Rectifier IRFBA1405P Datasheet HTML 8Page - International Rectifier IRFBA1405P Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRFBA1405P
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.057 –––
V/°C
Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
4.3
5.0
m
VGS = 10V, ID = 101A
„
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = 10V, ID = 250µA
gfs
Forward Transconductance
69
–––
–––
S
VDS = 25V, ID = 110A
–––
–––
20
µA
VDS = 55V, VGS = 0V
–––
–––
250
VDS = 44V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
200
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-200
nA
VGS = -20V
Qg
Total Gate Charge
–––
170
260
ID = 101A
Qgs
Gate-to-Source Charge
–––
44
66
nC
VDS = 44V
Qgd
Gate-to-Drain ("Miller") Charge
–––
62
93
VGS = 10V
„
td(on)
Turn-On Delay Time
–––
13
–––
VDD = 38V
tr
Rise Time
–––
190
–––
ID = 110A
td(off)
Turn-Off Delay Time
–––
130
–––
RG = 1.1Ω
tf
Fall Time
–––
110
–––
VGS = 10V
„
Between lead,
–––
–––
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
–––
5480 –––
VGS = 0V
Coss
Output Capacitance
–––
1210 –––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
280
–––
ƒ = 1.0MHz, See Fig. 5
Coss
Output Capacitance
–––
5210 –––
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
Coss
Output Capacitance
–––
900
–––
VGS = 0V, VDS = 44V, ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
…
–––
1500 –––
VGS = 0V, VDS = 0V to 44V
nH
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
LD
Internal Drain Inductance
LS
Internal Source Inductance
–––
–––
S
D
G
IGSS
ns
4.5
7.5
IDSS
Drain-to-Source Leakage Current
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 101A, VGS = 0V
„
trr
Reverse Recovery Time
–––
88
130
ns
TJ = 25°C, IF = 101A
Qrr
Reverse RecoveryCharge
–––
250
380
nC
di/dt = 100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
174
†
680
A
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.45
°C/W
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
RθJA
Junction-to-Ambient
–––
58


Similar Part No. - IRFBA1405P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
222Kb / 10P
   Advanced Process Technology
IRFBA1405PPBF IRF-IRFBA1405PPBF_15 Datasheet
222Kb / 10P
   Advanced Process Technology
More results

Similar Description - IRFBA1405P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1302S IRF-IRF1302S Datasheet
229Kb / 11P
   Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=174A??
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
   Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFP054N IRF-IRFP054N Datasheet
109Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=81A??
IRFRU5505 IRF-IRFRU5505 Datasheet
108Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A)
IRFI3205 IRF-IRFI3205 Datasheet
107Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=64A)
IRFL024N IRF-IRFL024N Datasheet
110Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=2.8A)
IRFI1010N IRF-IRFI1010N Datasheet
109Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=49A)
IRFZ34N IRF-IRFZ34N Datasheet
195Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.040ohm, Id=26A)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com