Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9213-F3 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # PS9213-F3
Description  1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9213-F3 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button PS9213-F3 Datasheet HTML 7Page - Renesas Technology Corp PS9213-F3 Datasheet HTML 8Page - Renesas Technology Corp PS9213-F3 Datasheet HTML 9Page - Renesas Technology Corp PS9213-F3 Datasheet HTML 10Page - Renesas Technology Corp PS9213-F3 Datasheet HTML 11Page - Renesas Technology Corp PS9213-F3 Datasheet HTML 12Page - Renesas Technology Corp PS9213-F3 Datasheet HTML 13Page - Renesas Technology Corp PS9213-F3 Datasheet HTML 14Page - Renesas Technology Corp PS9213-F3 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Data Sheet PN10535EJ04V0DS
9
PS9213
IF = 10 mA,
VCC = 15 V,
CL = 100 pF
IF = 10 mA,
VCC = 5 V,
CL = 15 pF
0
5
10
15
20
25
50
100
150
200
250
300
350
400
450
500
0
010
20
30
40
50
–200
200
0
400
800
600
1 000
tPHL
tPLH
tPHL
tPLH
tPLH – tPHL
tPLH – tPHL
Load Resistance RL (k
Ω)
PROPAGATION DELAY TIME,
MAXIMUM PROPAGATION DELAYS
vs. LOAD RESISTANCE
Load Resistance RL (k
Ω)
PROPAGATION DELAY TIME,
MAXIMUM PROPAGATION DELAYS
vs. LOAD RESISTANCE
Remark The graphs indicate nominal characteristics.


Similar Part No. - PS9213-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9213-F3 CEL-PS9213-F3 Datasheet
397Kb / 13P
   PHOTOCOUPLER
PS9213-F3 CEL-PS9213-F3 Datasheet
256Kb / 16P
   1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE
PS9213-F3-A CEL-PS9213-F3-A Datasheet
397Kb / 13P
   PHOTOCOUPLER
PS9213-F3-A CEL-PS9213-F3-A Datasheet
256Kb / 16P
   1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE
PS9213-F3-AX CEL-PS9213-F3-AX Datasheet
256Kb / 16P
   1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE
More results

Similar Description - PS9213-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9214 CEL-PS9214 Datasheet
408Kb / 12P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
PS9214_V1 CEL-PS9214_V1 Datasheet
872Kb / 15P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
logo
Renesas Technology Corp
PS9214 RENESAS-PS9214 Datasheet
308Kb / 17P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
April 1st, 2010
logo
NEC
PS9113 NEC-PS9113 Datasheet
240Kb / 14P
   1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9113 RENESAS-PS9113_15 Datasheet
284Kb / 18P
   1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9113 RENESAS-PS9113_16 Datasheet
373Kb / 16P
   1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS9113 CEL-PS9113 Datasheet
254Kb / 16P
   1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9001 RENESAS-PS9001 Datasheet
859Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (LSO5 WITH 8mm CREEPAGE DISTANCE) PHOTOCOUPLER
PS9313L RENESAS-PS9313L Datasheet
181Kb / 16P
   1 Mbps, OPEN COLLECTOR OUTPUT TYPE HIGH CMR, INTELLIGENT POWER MODULE DRIVE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9313L CEL-PS9313L Datasheet
228Kb / 17P
   1 Mbps, OPEN COLLECTOR OUTPUT TYPE, HIGH CMR, INTELLIGENT POWER MODULE DRIVE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com