Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7141EL-2A Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # PS7141EL-2A
Description  8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS7141EL-2A Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button PS7141EL-2A Datasheet HTML 2Page - Renesas Technology Corp PS7141EL-2A Datasheet HTML 3Page - Renesas Technology Corp PS7141EL-2A Datasheet HTML 4Page - Renesas Technology Corp PS7141EL-2A Datasheet HTML 5Page - Renesas Technology Corp PS7141EL-2A Datasheet HTML 6Page - Renesas Technology Corp PS7141EL-2A Datasheet HTML 7Page - Renesas Technology Corp PS7141EL-2A Datasheet HTML 8Page - Renesas Technology Corp PS7141EL-2A Datasheet HTML 9Page - Renesas Technology Corp PS7141EL-2A Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Data Sheet PN10580EJ02V0DS
4
PS7141E-2A,PS7141EL-2A
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standard
Approval
Application Part
Number
*1
PS7141E-2A
PS7141E-2A-A
Pb-Free
Magazine case 50 pcs
Standard products PS7141E-2A
PS7141EL-2A
PS7141EL-2A-A
(UL approved)
PS7141EL-2A-E3
PS7141EL-2A-E3-A
Embossed Tape 1 000 pcs/reel
BSI awaiting
PS7141EL-2A-E4
PS7141EL-2A-E4-A
approval
*1 For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current (DC)
IF
50
mA/ch
Reverse Voltage
VR
5.0
V
Power Dissipation
PD
50
mW/ch
Peak Forward Current
*1
IFP
1
A/ch
MOS FET
Break Down Voltage
VL
400
V
Continuous Load Current
IL
100
mA/ch
Pulse Load Current
*2
(AC/DC Connection)
ILP
200
mA/ch
Power Dissipation
PD
375
mW/ch
Isolation Voltage
*3
BV
1 500
Vr.m.s.
Total Power Dissipation
PT
850
mW
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature
Tstg
−40 to +100
°C
*1 PW = 100
µs, Duty Cycle = 1%
*2 PW = 100 ms, 1 shot
*3 AC voltage for 1 minute at TA = 25
°C, RH = 60% between input and output
Pins 1-4 shorted together, 5-8 shorted together.
RECOMMENDED OPERATING CONDITIONS (TA = 25
°C)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
LED Operating Current
IF
5
10
20
mA
LED Off Voltage
VF
0
0.5
V
<R>


Similar Part No. - PS7141EL-2A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7141EL-2A NEC-PS7141EL-2A Datasheet
104Kb / 13P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7141EL-2A CEL-PS7141EL-2A Datasheet
198Kb / 13P
   Solid State Relay OCMOS FET
logo
Renesas Technology Corp
PS7141EL-2A RENESAS-PS7141EL-2A Datasheet
221Kb / 15P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE
logo
NEC
PS7141EL-2A-A NEC-PS7141EL-2A-A Datasheet
104Kb / 13P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7141EL-2A-A CEL-PS7141EL-2A-A Datasheet
198Kb / 13P
   Solid State Relay OCMOS FET
More results

Similar Description - PS7141EL-2A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7141-2A RENESAS-PS7141-2A_15 Datasheet
227Kb / 15P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
PS7142-2A RENESAS-PS7142-2A Datasheet
253Kb / 15P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7141E-2A NEC-PS7141E-2A Datasheet
104Kb / 13P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7160-2A RENESAS-PS7160-2A_15 Datasheet
228Kb / 15P
   8-PIN DIP, 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
PS7141-1A RENESAS-PS7141-1A_15 Datasheet
233Kb / 16P
   6-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
PS7142-1A RENESAS-PS7142-1A Datasheet
256Kb / 16P
   6-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7142-2A CEL-PS7142-2A Datasheet
339Kb / 11P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
PS7141-2A CEL-PS7141-2A Datasheet
345Kb / 10P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
PS7142-1B CEL-PS7142-1B Datasheet
389Kb / 11P
   6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
PS7141-1B CEL-PS7141-1B Datasheet
384Kb / 11P
   6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com