Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7141EL-1A-E3 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # PS7141EL-1A-E3
Description  6-PIN DIP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS7141EL-1A-E3 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button PS7141EL-1A-E3 Datasheet HTML 5Page - Renesas Technology Corp PS7141EL-1A-E3 Datasheet HTML 6Page - Renesas Technology Corp PS7141EL-1A-E3 Datasheet HTML 7Page - Renesas Technology Corp PS7141EL-1A-E3 Datasheet HTML 8Page - Renesas Technology Corp PS7141EL-1A-E3 Datasheet HTML 9Page - Renesas Technology Corp PS7141EL-1A-E3 Datasheet HTML 10Page - Renesas Technology Corp PS7141EL-1A-E3 Datasheet HTML 11Page - Renesas Technology Corp PS7141EL-1A-E3 Datasheet HTML 12Page - Renesas Technology Corp PS7141EL-1A-E3 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
TYPICAL CHARACTERISTICS (TA = 25°C, unless otherwise specified)
IF = 10 mA
–4.0
–2.0
0
4.0
2.0
–100
–200
100
200
100
85
75
50
25
0
–25
20
60
80
100
40
0
Ambient Temperature TA (˚C)
MAXIMUM FORWARD CURRENT vs.
AMBIENT TEMPERATURE
100
85
75
0
–25
50
25
200
300
100
0
Ambient Temperature TA (˚C)
MAXIMUM LOAD CURRENT vs.
AMBIENT TEMPERATURE
100
0
–25
25
50
75
1.0
1.4
1.6
1.8
1.2
0.8
IF = 50 mA
30 mA
20 mA
10 mA
5 mA
1 mA
Ambient Temperature TA (˚C)
AMBIENT TEMPERATURE
FORWARD VOLTAGE vs.
f = 1 MHz
20
40
60
80
100
120
200
0
150
100
50
OUTPUT CAPACITANCE vs.
Applied Voltage VD (V)
APPLIED VOLTAGE
500
100
0
200
300
400
10
–8
10
–7
10
–6
10
–9
10
–10
25˚C
TA = 85˚C
Applied Voltage VD (V)
OFF-STATE LEAKAGE CURRENT vs.
APPLIED VOLTAGE
LOAD CURRENT vs. LOAD VOLTAGE
Load Voltage VL (V)
120
Remark The graphs indicate nominal characteristics.
Data Sheet PN10439EJ02V0DS
7
PS7141E-1A,PS7141EL-1A


Similar Part No. - PS7141EL-1A-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7141EL-1A-E3 CEL-PS7141EL-1A-E3 Datasheet
348Kb / 12P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
logo
NEC
PS7141EL-1A-E3 NEC-PS7141EL-1A-E3 Datasheet
108Kb / 14P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7141EL-1A-E3 RENESAS-PS7141EL-1A-E3 Datasheet
226Kb / 16P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE
logo
California Eastern Labs
PS7141EL-1A-E3-A CEL-PS7141EL-1A-E3-A Datasheet
348Kb / 12P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
logo
NEC
PS7141EL-1A-E3-A NEC-PS7141EL-1A-E3-A Datasheet
108Kb / 14P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
More results

Similar Description - PS7141EL-1A-E3

ManufacturerPart #DatasheetDescription
logo
NEC
PS7141E-1A NEC-PS7141E-1A Datasheet
108Kb / 14P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7141E-1A CEL-PS7141E-1A Datasheet
348Kb / 12P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
PS7141-1A CEL-PS7141-1A Datasheet
356Kb / 11P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7142-1A RENESAS-PS7142-1A Datasheet
256Kb / 16P
   6-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7141-1A RENESAS-PS7141-1A_15 Datasheet
233Kb / 16P
   6-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7142-1A CEL-PS7142-1A Datasheet
482Kb / 10P
   NECs 6-PIN DIP 400V BREAK DOWN VOLTAGE 1-CH OPTICAL COUPLED MOS FET
logo
NEC
PS7241-2A NEC-PS7241-2A Datasheet
97Kb / 12P
   8-PIN SOP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7360-1A CEL-PS7360-1A Datasheet
201Kb / 14P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
NEC
PS7341-1A NEC-PS7341-1A Datasheet
107Kb / 14P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7342-1A RENESAS-PS7342-1A Datasheet
257Kb / 16P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com