Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7141EL-1A Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # PS7141EL-1A
Description  6-PIN DIP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS7141EL-1A Datasheet(HTML) 5 Page - Renesas Technology Corp

  PS7141EL-1A Datasheet HTML 1Page - Renesas Technology Corp PS7141EL-1A Datasheet HTML 2Page - Renesas Technology Corp PS7141EL-1A Datasheet HTML 3Page - Renesas Technology Corp PS7141EL-1A Datasheet HTML 4Page - Renesas Technology Corp PS7141EL-1A Datasheet HTML 5Page - Renesas Technology Corp PS7141EL-1A Datasheet HTML 6Page - Renesas Technology Corp PS7141EL-1A Datasheet HTML 7Page - Renesas Technology Corp PS7141EL-1A Datasheet HTML 8Page - Renesas Technology Corp PS7141EL-1A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MARKING EXAMPLE
No. 1 pin
Mark
PS7141E-1A
NL601
Country Assembled
Type Number
Assembly Lot
6 01
Year Assembled
(Last 1 Digit)
L
N
Rank Code
In-house Code
(L: Pb-Free)
Week Assembled
<R>
Data Sheet PN10439EJ02V0DS
3
PS7141E-1A,PS7141EL-1A


Similar Part No. - PS7141EL-1A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7141EL-1A CEL-PS7141EL-1A Datasheet
348Kb / 12P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
logo
NEC
PS7141EL-1A NEC-PS7141EL-1A Datasheet
108Kb / 14P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7141EL-1A RENESAS-PS7141EL-1A Datasheet
226Kb / 16P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE
logo
California Eastern Labs
PS7141EL-1A-A CEL-PS7141EL-1A-A Datasheet
348Kb / 12P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
logo
NEC
PS7141EL-1A-A NEC-PS7141EL-1A-A Datasheet
108Kb / 14P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
More results

Similar Description - PS7141EL-1A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7141E-1A NEC-PS7141E-1A Datasheet
108Kb / 14P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7141E-1A CEL-PS7141E-1A Datasheet
348Kb / 12P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
PS7141-1A CEL-PS7141-1A Datasheet
356Kb / 11P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7142-1A RENESAS-PS7142-1A Datasheet
256Kb / 16P
   6-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7141-1A RENESAS-PS7141-1A_15 Datasheet
233Kb / 16P
   6-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7142-1A CEL-PS7142-1A Datasheet
482Kb / 10P
   NECs 6-PIN DIP 400V BREAK DOWN VOLTAGE 1-CH OPTICAL COUPLED MOS FET
logo
NEC
PS7241-2A NEC-PS7241-2A Datasheet
97Kb / 12P
   8-PIN SOP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7360-1A CEL-PS7360-1A Datasheet
201Kb / 14P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
NEC
PS7341-1A NEC-PS7341-1A Datasheet
107Kb / 14P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7342-1A RENESAS-PS7342-1A Datasheet
257Kb / 16P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com