Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSMD6P25 Datasheet(PDF) 8 Page - Kersemi Electronic Co., Ltd.

Part # KSMD6P25
Description  250V P-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

KSMD6P25 Datasheet(HTML) 8 Page - Kersemi Electronic Co., Ltd.

  KSMD6P25 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. KSMD6P25 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. KSMD6P25 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. KSMD6P25 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. KSMD6P25 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. KSMD6P25 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. KSMD6P25 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. KSMD6P25 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Package Dimensions (Continued)
6.60
±0.20
0.76
±0.10
MAX0.96
2.30TYP
[2.30
±0.20]
2.30TYP
[2.30
±0.20]
5.34
±0.20
0.50
±0.10
0.50
±0.10
2.30
±0.20
(0.50)
(0.50)
(4.34)
IPAK
KSMD6P25 / KSMU6P25
2014-7-31
8
www.kersemi.com


Similar Part No. - KSMD6P25

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
KSMD60N03L KERSEMI-KSMD60N03L Datasheet
1Mb / 6P
   N-Channel Logic Level MOSFETs
KSMD630 KERSEMI-KSMD630 Datasheet
1Mb / 8P
   200V N-Channel MOSFET
KSMD6N25 KERSEMI-KSMD6N25 Datasheet
1Mb / 8P
   250V N-CHANNEL MOSFET
KSMD6N40 KERSEMI-KSMD6N40 Datasheet
1Mb / 8P
   400V N-CHANNEL MOSFET
KSMD6N50C KERSEMI-KSMD6N50C Datasheet
1Mb / 8P
   500V N-Channel MOSFET
More results

Similar Description - KSMD6P25

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF6P25 FAIRCHILD-FQPF6P25 Datasheet
534Kb / 8P
   250V P-Channel MOSFET
FQP2P25 FAIRCHILD-FQP2P25 Datasheet
549Kb / 8P
   250V P-Channel MOSFET
FQP4P25 FAIRCHILD-FQP4P25 Datasheet
568Kb / 8P
   250V P-Channel MOSFET
FQD2P25 FAIRCHILD-FQD2P25 Datasheet
535Kb / 9P
   250V P-Channel MOSFET
FQP6P25 FAIRCHILD-FQP6P25 Datasheet
508Kb / 8P
   250V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2P25 KERSEMI-KSMD2P25 Datasheet
1Mb / 8P
   250V P-Channel MOSFET
KSMD4P25 KERSEMI-KSMD4P25 Datasheet
1Mb / 8P
   250V P-Channel MOSFET
logo
Fairchild Semiconductor
FQD6P25TM FAIRCHILD-FQD6P25TM Datasheet
640Kb / 9P
   250V P-Channel MOSFET
FQD6P25 FAIRCHILD-FQD6P25 Datasheet
511Kb / 9P
   250V P-Channel MOSFET
FQPF4P25 FAIRCHILD-FQPF4P25 Datasheet
573Kb / 8P
   250V P-Channel MOSFET
FQB9P25 FAIRCHILD-FQB9P25 Datasheet
573Kb / 9P
   250V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com