Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7141L-2A Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # PS7141L-2A
Description  8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS7141L-2A Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button PS7141L-2A Datasheet HTML 6Page - Renesas Technology Corp PS7141L-2A Datasheet HTML 7Page - Renesas Technology Corp PS7141L-2A Datasheet HTML 8Page - Renesas Technology Corp PS7141L-2A Datasheet HTML 9Page - Renesas Technology Corp PS7141L-2A Datasheet HTML 10Page - Renesas Technology Corp PS7141L-2A Datasheet HTML 11Page - Renesas Technology Corp PS7141L-2A Datasheet HTML 12Page - Renesas Technology Corp PS7141L-2A Datasheet HTML 13Page - Renesas Technology Corp PS7141L-2A Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Data Sheet PN10281EJ02V0DS
8
PS7141-2A,PS7141L-2A
Normalized to 1.0
at TA = 25 ˚C,
IF = 10 mA,
VO = 5 V
100
0
–25
25
50
75
2.5
3.0
0.0
2.0
1.5
1.0
0.5
Ambient Temperature TA (˚C)
NORMALIZED TURN-ON TIME vs.
AMBIENT TEMPERATURE
Normalized to 1.0
at TA = 25 ˚C,
IF = 10 mA,
VO = 5 V
100
0
–25
25
50
75
2.5
3.0
0.0
2.0
1.5
1.0
0.5
Ambient Temperature TA (˚C)
NORMALIZED TURN-OFF TIME vs.
AMBIENT TEMPERATURE
Remark The graphs indicate nominal characteristics.


Similar Part No. - PS7141L-2A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7141L-2A NEC-PS7141L-2A Datasheet
46Kb / 6P
   8 PIN DIP 400 V BREAKDOWN VOLTAGE 2-CH OPTICAL COUPLED MOSFET
logo
California Eastern Labs
PS7141L-2A CEL-PS7141L-2A Datasheet
345Kb / 10P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7141L-2A RENESAS-PS7141L-2A Datasheet
221Kb / 15P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE ORMALLY OPEN TYPE
logo
California Eastern Labs
PS7141L-2A-A CEL-PS7141L-2A-A Datasheet
345Kb / 10P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
NEC
PS7141L-2A-E3 NEC-PS7141L-2A-E3 Datasheet
46Kb / 6P
   8 PIN DIP 400 V BREAKDOWN VOLTAGE 2-CH OPTICAL COUPLED MOSFET
More results

Similar Description - PS7141L-2A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7141E-2A RENESAS-PS7141E-2A_15 Datasheet
228Kb / 15P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
PS7142-2A RENESAS-PS7142-2A Datasheet
253Kb / 15P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7141E-2A NEC-PS7141E-2A Datasheet
104Kb / 13P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7160-2A RENESAS-PS7160-2A_15 Datasheet
228Kb / 15P
   8-PIN DIP, 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
PS7141-1A RENESAS-PS7141-1A_15 Datasheet
233Kb / 16P
   6-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
PS7142-1A RENESAS-PS7142-1A Datasheet
256Kb / 16P
   6-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7142-2A CEL-PS7142-2A Datasheet
339Kb / 11P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
PS7141-2A CEL-PS7141-2A Datasheet
345Kb / 10P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
PS7142-1B CEL-PS7142-1B Datasheet
389Kb / 11P
   6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
PS7141-1B CEL-PS7141-1B Datasheet
384Kb / 11P
   6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com