Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

885048 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # 885048
Description  1882.5 MHz BAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

885048 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  885048_15 Datasheet HTML 1Page - TriQuint Semiconductor 885048_15 Datasheet HTML 2Page - TriQuint Semiconductor 885048_15 Datasheet HTML 3Page - TriQuint Semiconductor 885048_15 Datasheet HTML 4Page - TriQuint Semiconductor 885048_15 Datasheet HTML 5Page - TriQuint Semiconductor 885048_15 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
885048
1882.5 MHz BAW Filter
Data Sheet: Rev B 02-18-15
-
5 of 6 -
Disclaimer: Subject to change without notice
© 2015 TriQuint
Package Information, Marking and Dimensions
0.69
1.22 NOM.
1.32 MAX.
0.75
0.60
1.50
0.75
3.00
3.00
79
code
Marking
Date code
JJJY M
logo
ID dot
TriQuint
Package Style: SMP-12A
Dimensions: 3.00 x 3.00 x 1.22 mm
Body: Al2O3 ceramic
Lid: Kovar, Ni plated
Terminations: Au plating 0.5 - 1.0μm, over a 2-6μm Ni plating
All dimensions shown are nominal in millimeters
All tolerances are ±0.15mm except overall length and width
±0.10mm
The date code consists of day of the current year (Julian,
3 digits), Y = last digit of the year, and M = manufacturing site
code
Notes:
1.
All dimensions shown are typical in millimeters
2.
An asterisk (*) in front of the marking code indicates
prototype.
Tape and Reel information
3.25
Section A-A
1.75
Ø1.5
4.0
A
12.0
5.5
Ø1.5
4.0
2.0
3.25
1.4
0.21
A
Ø102
Ø20.2
Ø13.0
2.0
Direction of travel
Ø330
12.8
2.7
logo
ID dot
TriQuint
Standard T/R size = 5,000 units/reel. All dimensions are in millimeters.


Similar Part No. - 885048_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
885043 TRIQUINT-885043 Datasheet
340Kb / 1P
   B38/B40 Tx filters
885043-EVB TRIQUINT-885043-EVB Datasheet
340Kb / 1P
   B38/B40 Tx filters
885043 TRIQUINT-885043_15 Datasheet
340Kb / 1P
   B38/B40 Tx filters
885049 TRIQUINT-885049 Datasheet
243Kb / 1P
   2300-2400 MHz Tx/Rx Filter
885049-EVB TRIQUINT-885049-EVB Datasheet
243Kb / 1P
   2300-2400 MHz Tx/Rx Filter
More results

Similar Description - 885048_15

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1074B TAI-SAW-TA1074B Datasheet
213Kb / 8P
   SAW Filter 1882.5 MHz
logo
TriQuint Semiconductor
856992 TRIQUINT-856992_15 Datasheet
375Kb / 6P
   1882.5 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2233E MURATA-SF2233E Datasheet
812Kb / 5P
   1882.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1074A TAI-SAW-TA1074A Datasheet
372Kb / 7P
   SAW Filter 1882.5 MHz
logo
RF Monolithics, Inc
SF2233E RFM-SF2233E Datasheet
812Kb / 5P
   1882.5 MHz SAW Filter
logo
TriQuint Semiconductor
885024 TRIQUINT-885024_15 Datasheet
451Kb / 6P
   1960 MHz BAW Filter
880371 TRIQUINT-880371_15 Datasheet
112Kb / 5P
   915 MHz BAW Filter
880367 TRIQUINT-880367 Datasheet
111Kb / 5P
   1030 MHz BAW Filter
logo
Qorvo, Inc
880543 QORVO-880543 Datasheet
301Kb / 5P
   428 MHz BAW Filter
885135 QORVO-885135 Datasheet
575Kb / 8P
   2439.5 MHz BAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com