Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD16640C Datasheet(PDF) 5 Page - NEC

Part # UPD16640C
Description  300/309-OUTPUT TFT-LCD SOURCE DRIVER 64 GRAY SCALE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16640C Datasheet(HTML) 5 Page - NEC

  UPD16640C Datasheet HTML 1Page - NEC UPD16640C Datasheet HTML 2Page - NEC UPD16640C Datasheet HTML 3Page - NEC UPD16640C Datasheet HTML 4Page - NEC UPD16640C Datasheet HTML 5Page - NEC UPD16640C Datasheet HTML 6Page - NEC UPD16640C Datasheet HTML 7Page - NEC UPD16640C Datasheet HTML 8Page - NEC UPD16640C Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet S11269EJ1V1DS00
5
µµµµ PD16640C
4. RELATION BETWEEN INPUT DATA AND OUTPUT VOLTAGE VALUE
The 11 major points on the
γ-characteristic curve of the LCD panel are arbitrarily set by external power supplies V0
through V10. If the display data is 00H or 3FH, gray scale voltage V0 or V10 is output. If the display data is in the
range 01H to 3EH, the high-order 3 bits select an external powers pair Vn+1, Vn. The low-order 3 bits evenly divide
the range of Vn+1, Vn into eight segments by means of D/A conversion (however, the ranges from V9 to V8 and from V2
to V1 are divided into seven segments) to output a 64-grayscale voltage.
DX5
(MSB)
DX4
DX3
DX2
DX1
DX0
(LSB)
DX5
DX4
DX3
Vn+1-Vn
00
0
V1-V2
00
1
V2-V3
01
0
V3-V4
01
1
V4-V5
10
0
V5-V6
10
1
V6-V7
11
0
V7-V8
11
1
V8-V9
Vn
Vn+1
000
1
001
2
010
3
011
4
100
5
101
6
110
7
111
8
DX2-DX0
High-order 3 bits :
γ-corrected power selected
(Vn+1-Vn)
Low-order 3 bits : 3-bit D/A
(range Vn-Vn+1 is divided into 7 or 8 segments)
Figure 4-1. Relation between Input Data and
γγγγ -corrected Voltage
0.1 V
0.1 V
V1
V2
V3
V4
V5
V6
V7
V8
V9
07
F
17
1F
Input data (HEX)
27
2F
37
3F
VDD2
V0
VSS2
V10
gray scale supply specified
by 00H
7 segments
8 segments
8 segments
8 segments
8 segments
8 segments
8 segments
7 segments
gray scale supply specified
by 3FH


Similar Part No. - UPD16640C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16640C RENESAS-UPD16640C Datasheet
237Kb / 18P
   MOS INTEGRATED CIRCUIT
1999
UPD16640CN-XXX RENESAS-UPD16640CN-XXX Datasheet
237Kb / 18P
   MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD16640C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD16640C RENESAS-PD16640C_15 Datasheet
238Kb / 18P
   300/309-OUTPUT TFT-LCD SOURCE DRIVER (64 GRAY SCALE)
logo
NEC
UPD16634A NEC-UPD16634A Datasheet
115Kb / 20P
   300-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64 GRAY SCALE
UPD16647 NEC-UPD16647 Datasheet
108Kb / 16P
   402/384-OUTPUT TFT-LCD SOURCE DRIVER 64 GRAY SCALE
logo
Renesas Technology Corp
PD160062 RENESAS-PD160062_15 Datasheet
352Kb / 21P
   420-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALE)
logo
Sharp Corporation
LH168P SHARP-LH168P Datasheet
250Kb / 15P
   309-output TFT-LCD Source Driver IC
logo
Samsung semiconductor
S6C0641 SAMSUNG-S6C0641 Datasheet
216Kb / 22P
   6 BIT 300 / 309 CHANNEL TFT-LCD SOURCE DRIVER
logo
Renesas Technology Corp
PD16641 RENESAS-PD16641_15 Datasheet
322Kb / 21P
   240-OUTPUT TFT-LCD SOURCE DRIVER (64-GRAY SCALES)
logo
Samsung semiconductor
KS0641 SAMSUNG-KS0641 Datasheet
216Kb / 22P
   6 BIT 300 / 309 CHANNEL TFT-LCD SOURCE DRIVER
S6C1652 SAMSUNG-S6C1652 Datasheet
198Kb / 19P
   6 BIT 300 / 309 CHANNEL TFT-LCD SOURCE DRIVER
KS0652 SAMSUNG-KS0652 Datasheet
156Kb / 19P
   6 BIT 300 / 309 CHANNEL TFT-LCD SOURCE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com