Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

885026-EVB Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # 885026-EVB
Description  2595 MHz BAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

885026-EVB Datasheet(HTML) 1 Page - TriQuint Semiconductor

  885026-EVB Datasheet HTML 1Page - TriQuint Semiconductor 885026-EVB Datasheet HTML 2Page - TriQuint Semiconductor 885026-EVB Datasheet HTML 3Page - TriQuint Semiconductor 885026-EVB Datasheet HTML 4Page - TriQuint Semiconductor 885026-EVB Datasheet HTML 5Page - TriQuint Semiconductor 885026-EVB Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
885026
2595 MHz BAW Filter
Preliminary Data Sheet: Rev.F 04-09-15
- 1 of 6 -
Disclaimer: Subject to change without notice
© 2015 TriQuint
www.triquint.com
RFMD + TriQuint = Qorvo
Applications
• For Band 38 TD-LTE applications
• B7/B38/B40 LTE handset, datacards, mobile routers
Product Features
• Highly selective BAW filter achieving low insertion
loss over full bandwidth and operating conditions
• Rejection in WLAN band of 40dB minimum
• Rejection in Band 7 Rx band of 10dB minimum
• Performance −20 to +90 ºC
• Ceramic chip-scale Package (CSP)
• Small Size: 1.4 x 1.2 x 0.46 mm
• Hermetically Sealed
• RoHS Compliant, Pb-free
CSP-5BT, 1.4 x 1.2 x 0.46  mm
Functional Block Diagram
Top View
Pin Configuration - Single Ended
Pin No.
Label
1
input
4
output
2,3,5
Ground
General Description
The 885026 is a high-performance Bulk Acoustic Wave
(BAW) filter designed to meet the strict LTE rejection
requirements for use in B38.
885026 is specifically designed to meet the high
performance expectations of insertion loss and rejection
for LTE transmit systems under all operating conditions.
The
885026
uses
common
module
packaging
techniques to achieve the industry standard 1.4 x 1.2 x
0.46 mm footprint.
Ordering Information
Part No.
Description
885026
Packaged Part
885026-EVB
Evaluation board
Standard T/R size = 10,000 units/reel
Pb


Similar Part No. - 885026-EVB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
885026 QORVO-885026 Datasheet
507Kb / 6P
   2595 MHz BAW Filter
More results

Similar Description - 885026-EVB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
885026 QORVO-885026 Datasheet
507Kb / 6P
   2595 MHz BAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1391A TAI-SAW-TA1391A Datasheet
415Kb / 8P
   SAW Filter 2595 MHz
logo
Murata Manufacturing Co...
SF2240E MURATA-SF2240E Datasheet
486Kb / 6P
   2595 MHz SAW Filter
SF2241E MURATA-SF2241E Datasheet
844Kb / 6P
   2595 MHz SAW Filter
logo
RF Monolithics, Inc
SF2240E RFM-SF2240E Datasheet
802Kb / 6P
   2595 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1236A TAI-SAW-TA1236A Datasheet
364Kb / 8P
   SAW Filter 2595 MHz
TA1391B TAI-SAW-TA1391B Datasheet
408Kb / 8P
   SAW Filter 2595 MHz
TA1626A TAI-SAW-TA1626A Datasheet
229Kb / 7P
   SAW Filter 2595 MHz
logo
TriQuint Semiconductor
885024 TRIQUINT-885024_15 Datasheet
451Kb / 6P
   1960 MHz BAW Filter
880371 TRIQUINT-880371_15 Datasheet
112Kb / 5P
   915 MHz BAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com