Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

885025-EVB Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # 885025-EVB
Description  1880 MHz BAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

885025-EVB Datasheet(HTML) 5 Page - TriQuint Semiconductor

  885025-EVB Datasheet HTML 1Page - TriQuint Semiconductor 885025-EVB Datasheet HTML 2Page - TriQuint Semiconductor 885025-EVB Datasheet HTML 3Page - TriQuint Semiconductor 885025-EVB Datasheet HTML 4Page - TriQuint Semiconductor 885025-EVB Datasheet HTML 5Page - TriQuint Semiconductor 885025-EVB Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
885025
1880 MHz BAW Filter
Data Sheet: Rev B 03-06-2014
- 5 of 6 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Package Information, Marking and Dimensions
0.69
1.22 NOM.
1.32 MAX.
0.75
0.60
1.50
0.75
3.00
3.00
HT
code
Marking
Date code
JJJYM
logo
ID dot
TriQuint
Package Style: SMP-12A
Dimensions: 3.00 x 3.00 x 1.22 mm
Body: Al2O3 ceramic
Lid: Kovar, Ni plated
Terminations: Au plating 0.5 - 1.0
μm, over a 2-6μm Ni plating
All dimensions shown are nominal in millimeters
All tolerances are ±0.15mm except overall length and width
±0.10mm
The date code consists of day of the current year (Julian,
3 digits), Y = last digit of the year, and M = manufacturing site
code
Notes:
1. All dimensions shown are typical in millimeters
2. An asterisk (*) in front of the marking code indicates prototype.
Tape and Reel information
Standard T/R size = 5000 units/reel. All dimensions are in millimeters
3.25
Section A-A
1.75
Ø1.5
4.0
A
12.0
5.5
Ø1.5
4.0
2.0
3.25
1.4
0.21
A
Ø102
Ø20.2
Ø13.0
2.0
Direction of travel
Ø330
12.8
2.7
logo
ID dot
TriQuint


Similar Part No. - 885025-EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
885024 TRIQUINT-885024 Datasheet
451Kb / 6P
   1960 MHz BAW Filter
885024-EVB TRIQUINT-885024-EVB Datasheet
451Kb / 6P
   1960 MHz BAW Filter
885024 TRIQUINT-885024_15 Datasheet
451Kb / 6P
   1960 MHz BAW Filter
885026 TRIQUINT-885026 Datasheet
550Kb / 6P
   2595 MHz BAW Filter
logo
Qorvo, Inc
885026 QORVO-885026 Datasheet
507Kb / 6P
   2595 MHz BAW Filter
More results

Similar Description - 885025-EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
885053 TRIQUINT-885053_15 Datasheet
623Kb / 6P
   1880 MHz BAW Filter
856530 TRIQUINT-856530_15 Datasheet
583Kb / 6P
   1880 MHz SAW Filter
856705 TRIQUINT-856705_15 Datasheet
327Kb / 6P
   1880 MHz SAW Filter
855849 TRIQUINT-855849 Datasheet
384Kb / 5P
   1880 MHz SAW Filter
885024 TRIQUINT-885024_15 Datasheet
451Kb / 6P
   1960 MHz BAW Filter
880371 TRIQUINT-880371_15 Datasheet
112Kb / 5P
   915 MHz BAW Filter
880367 TRIQUINT-880367 Datasheet
111Kb / 5P
   1030 MHz BAW Filter
logo
Qorvo, Inc
880543 QORVO-880543 Datasheet
301Kb / 5P
   428 MHz BAW Filter
885135 QORVO-885135 Datasheet
575Kb / 8P
   2439.5 MHz BAW Filter
880157 QORVO-880157 Datasheet
237Kb / 6P
   2560 MHz BAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com