Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

885009-EVB Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # 885009-EVB
Description  2535 MHz BAW Filter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

885009-EVB Datasheet(HTML) 8 Page - TriQuint Semiconductor

  885009-EVB Datasheet HTML 1Page - TriQuint Semiconductor 885009-EVB Datasheet HTML 2Page - TriQuint Semiconductor 885009-EVB Datasheet HTML 3Page - TriQuint Semiconductor 885009-EVB Datasheet HTML 4Page - TriQuint Semiconductor 885009-EVB Datasheet HTML 5Page - TriQuint Semiconductor 885009-EVB Datasheet HTML 6Page - TriQuint Semiconductor 885009-EVB Datasheet HTML 7Page - TriQuint Semiconductor 885009-EVB Datasheet HTML 8Page - TriQuint Semiconductor 885009-EVB Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
885009
2535 MHz BAW Filter
Data Sheet: Rev D 9/20/12
- 8 of 9 -
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
Mechanical Information
Package Information, Dimensions and Marking
Package Style: SMP-12A
Dimensions: 3.00 x 3.00 x 1.22 mm
Body: Al2O3 ceramic
Lid: Kovar, Ni plated
Terminations: Au plating 0.5 - 1.0µm, over a 2-6µm Ni
plating
All dimensions shown are nominal in millimeters
All tolerances are ±0.15mm except overall length and width
±0.10mm
The date code consists of day of the current year (Julian,
3 digits), Y = last digit of the year, and M = manufacturing
site code
Tape and Reel Information
Standard T/R size = 5000 units/reel. All dimensions are in millimeters
0.69
1.22 NOM.
1.32 MAX.
0.75
0.60
1.50
0.75
3.00
3.00
EX
code
Marking
Date code
JJJYM
logo
ID dot
TriQuint
3.25
Section A-A
1.75
Ø1.5
4.0
A
12.0
5.5
Ø1.5
4.0
2.0
3.25
1.4
0.21
A
Ø102
Ø20.2
Ø13.0
2.0
Direction of travel
Ø330
12.8
2.7
logo
ID dot
TriQuint


Similar Part No. - 885009-EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
885007 TRIQUINT-885007 Datasheet
471Kb / 6P
   2436 MHz BAW Filter
885007-EVB TRIQUINT-885007-EVB Datasheet
471Kb / 6P
   2436 MHz BAW Filter
885007 TRIQUINT-885007_15 Datasheet
471Kb / 6P
   2436 MHz BAW Filter
885008 TRIQUINT-885008 Datasheet
640Kb / 6P
   2440 GHz BAW Filter
885008-EVB TRIQUINT-885008-EVB Datasheet
640Kb / 6P
   2440 GHz BAW Filter
More results

Similar Description - 885009-EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQQ7307 TRIQUINT-TQQ7307_15 Datasheet
345Kb / 8P
   2535 MHz LTE Band 7 Uplink BAW Filter
logo
Qorvo, Inc
TQQ7307 QORVO-TQQ7307 Datasheet
345Kb / 8P
   2535 MHz LTE Band 7 Uplink BAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1886B TAI-SAW-TA1886B Datasheet
730Kb / 9P
   SAW Filter 2535 MHz
TA0795C TAI-SAW-TA0795C Datasheet
449Kb / 8P
   SAW Filter 2535 MHz
TA0795B TAI-SAW-TA0795B Datasheet
410Kb / 9P
   SAW Filter 2535 MHz
logo
TriQuint Semiconductor
885024 TRIQUINT-885024_15 Datasheet
451Kb / 6P
   1960 MHz BAW Filter
880371 TRIQUINT-880371_15 Datasheet
112Kb / 5P
   915 MHz BAW Filter
880367 TRIQUINT-880367 Datasheet
111Kb / 5P
   1030 MHz BAW Filter
logo
Qorvo, Inc
880543 QORVO-880543 Datasheet
301Kb / 5P
   428 MHz BAW Filter
885135 QORVO-885135 Datasheet
575Kb / 8P
   2439.5 MHz BAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com