Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSM17P06 Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # KSM17P06
Description  60V P-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

KSM17P06 Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  KSM17P06 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. KSM17P06 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. KSM17P06 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. KSM17P06 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. KSM17P06 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. KSM17P06 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
KSM17P06
60V P-Channel MOSFET
General Description
These P-Channel enhancement mode power field effect
transistors are produced using Kersemi proprietary,
planar stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand a high energy pulse in the
avalanche and commutation modes. These devices are
well suited for low voltage applications such as automotive,
DC/DC converters, and high efficiency switching for power
management in portable and battery operated products.
Features
• -17A, -60V, RDS(on) = 0.12Ω @VGS = -10 V
• Low gate charge ( typical 21 nC)
• Low Crss ( typical 80 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
• 175
°C maximum junction temperature rating
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
KSM17P06
Units
VDSS
Drain-Source Voltage
-60
V
ID
Drain Current
- Continuous (TC = 25°C)
-17
A
- Continuous (TC = 100°C)
-12
A
IDM
Drain Current
- Pulsed
(Note 1)
-68
A
VGSS
Gate-Source Voltage
± 25
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
300
mJ
IAR
Avalanche Current
(Note 1)
-17
A
EAR
Repetitive Avalanche Energy
(Note 1)
7.9
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
-7.0
V/ns
PD
Power Dissipation (TC = 25°C)
79
W
- Derate above 25°C
0.53
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +175
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
1.9
°C/W
RθCS
Thermal Resistance, Case-to-Sink
0.5
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
62.5
°C/W
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
S
D
G
TO-220
2014-6-25
www.kersemi.com
1


Similar Part No. - KSM17P06

ManufacturerPart #DatasheetDescription
logo
DFI Inc
KSM170P-ALD24-E40 DFI-KSM170P-ALD24-E40 Datasheet
1Mb / 9P
   Modular-Designed Industrial Panel PC
KSM170P-ALD24-N50 DFI-KSM170P-ALD24-N50 Datasheet
1Mb / 9P
   Modular-Designed Industrial Panel PC
KSM170P-ALW48-E40 DFI-KSM170P-ALW48-E40 Datasheet
1Mb / 9P
   Modular-Designed Industrial Panel PC
KSM170P-ALW48-N50 DFI-KSM170P-ALW48-N50 Datasheet
1Mb / 9P
   Modular-Designed Industrial Panel PC
KSM170R-ALD24-E40 DFI-KSM170R-ALD24-E40 Datasheet
1Mb / 9P
   Modular-Designed Industrial Panel PC
More results

Similar Description - KSM17P06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF7P06 FAIRCHILD-FQPF7P06 Datasheet
665Kb / 8P
   60V P-Channel MOSFET
FQP47P06 FAIRCHILD-FQP47P06 Datasheet
714Kb / 8P
   60V P-Channel MOSFET
FQD7P06 FAIRCHILD-FQD7P06 Datasheet
665Kb / 9P
   60V P-Channel MOSFET
FQP11P06 FAIRCHILD-FQP11P06 Datasheet
646Kb / 8P
   60V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4441 WHXPCB-AO4441 Datasheet
2Mb / 5P
   60V P-Channel MOSFET
logo
Fairchild Semiconductor
FQB27P06 FAIRCHILD-FQB27P06 Datasheet
700Kb / 9P
   60V P-Channel MOSFET
FQPF11P06 FAIRCHILD-FQPF11P06 Datasheet
646Kb / 8P
   60V P-Channel MOSFET
logo
Guangdong Youtai Semico...
AO4421 UMW-AO4421 Datasheet
376Kb / 6P
   -60V P-Channel MOSFET
AO4441 UMW-AO4441 Datasheet
460Kb / 7P
   -60V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com